Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1521 Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1521
Description  White LED Step-Up Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1521 Datasheet(HTML) 7 Page - Anachip Corp

  AP1521 Datasheet HTML 1Page - Anachip Corp AP1521 Datasheet HTML 2Page - Anachip Corp AP1521 Datasheet HTML 3Page - Anachip Corp AP1521 Datasheet HTML 4Page - Anachip Corp AP1521 Datasheet HTML 5Page - Anachip Corp AP1521 Datasheet HTML 6Page - Anachip Corp AP1521 Datasheet HTML 7Page - Anachip Corp AP1521 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AP1521
White LED Step-Up Converter
Anachip Corp.
www.anachip.com.tw
Rev. 0.1 Apr. 27, 2004
7/8
Typical Performance Characteristics (Continued)
Li-lon to Five White LEDs
V
IN
SW
SHDN
GND
FB
C
IN: TAIYO YUDEN JMK107BJ105
C
OUT: AVX 0603YD224
D: CENTRAL CMDSH-3
L: MURATA LQH3C220
AP1521
V
DC
Dimming
C
OUT
0.22uF
R1
6.8Ω
L
22uH
D
V
IN
3.3V To 5V
C
IN
1uF
90k
5k
AP1521 Efficiency(%) v.s. LED
Current (mA)
57
60
63
66
69
72
75
78
81
84
0
1020
304050
LED Current (mA)
Vin=5V
Vin=4.2V
Vin=3.6V
Li-lon to Six White LEDs
V
IN
SW
SHDN
GND
FB
C
IN: TAIYO YUDEN JMK107BJ105
C
OUT: AVX 0603YD224
D: CENTRAL CMDSH-3
L: MURATA LQH3C220
AP1521
V
DC
Dimming
C
OUT
0.22uF
R1
6.8Ω
L
22uH
D
V
IN
3.6V To 5V
C
IN
1uF
90k
5k
AP1521 Efficiency(%) v.s. LED
Current (mA)
57
60
63
66
69
72
75
78
81
84
0
1020
3040
50
LED Current (mA)
Vin=5V
Vin=4.2V
Vin=3.6V
Step up DC-DC Regulator
V
IN
SW
SHDN
GND
FB
C
IN: TAIYO YUDEN JMK107BJ105
C
OUT: AVX 0603YD224
D: CENTRAL CMDSH-3
L: MURATA LQH3C220
AP1521
C
OUT
0.22uF
1K
L
22uH
D
V
IN
2.5V~3.3V
C
IN
1uF
15K
V
OUT
4.8V
AP1521 Efficiency(%) v.s. Load
Current (mA)@Vout=4.8V
60
65
70
75
80
85
90
0
1020
304050
Load Current (mA)
Vin=3.3V
Vin=2.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com