Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1521 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1521
Description  White LED Step-Up Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1521 Datasheet(HTML) 1 Page - Anachip Corp

  AP1521 Datasheet HTML 1Page - Anachip Corp AP1521 Datasheet HTML 2Page - Anachip Corp AP1521 Datasheet HTML 3Page - Anachip Corp AP1521 Datasheet HTML 4Page - Anachip Corp AP1521 Datasheet HTML 5Page - Anachip Corp AP1521 Datasheet HTML 6Page - Anachip Corp AP1521 Datasheet HTML 7Page - Anachip Corp AP1521 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP1521
White LED Step-Up Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.1 Apr. 27, 2004
1/8
Features
- Inherently Matched LED Current
- Drives Up to Four LEDs from a 3.2V Supply
- Drives Up to Six LEDs from a 5V Supply
- High Efficiency: 84% Typical
- Fast 1MHz Switching Frequency
- 36V Rugged Bipolar Switch
- Low Profile SOT23-5 Pb-Free Packaging
Applications
- Cellular Phones
- PDAs, Hand-held Computers
- Digital Cameras
- MP3 Players
- GPS Receivers
General Description
The AP1521 is a step-up DC/DC converter
specifically designed to drive white LEDs with a
constant current. The device can drive two, three or
four LEDs in series from a Li-Ion cell. Series
connection of the LEDs provides identical LED
currents resulting in uniform brightness and
eliminates the need for ballast resistors. The
AP1521 switches at 1MHz that allows the use of
tiny external components. A low 300mV feedback
voltage minimizes power loss in the current setting
resistor for better efficiency.
Pin Assignments
V
IN
SHDN
SW V
SS
FB
Top View
SOT23-5L
Pin Descriptions
Name
Description
SW
Switch Pin. Connect inductor/diode
here. Minimize trace area at this pin
to reduce EMI.
VSS
GND pin
FB
Feedback Pin. Reference voltage is
310mV. Connect cathode of lowest
LED and resistor here. Calculate
resistor value according to the
formula: RFB = 310mV / ILED
SHDN
Shutdown Pin. Tie to 1.5V or higher
to enable the device;0.4V or less to
disable the device.
VIN
Input Supply Pin. Must be locally
bypassed.
Ordering Information
Package
W: SOT23-5L
AP1521 X X
Packing
Blank : Tube
A
: Taping


Similar Part No. - AP1521

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1520 ANACHIP-AP1520 Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1520 DIODES-AP1520 Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
AP1520 DIODES-AP1520 Datasheet
519Kb / 9P
PWM CONTROL 2A STEP-DOWN CONVERTER
Rev 6
logo
Anachip Corp
AP1520S ANACHIP-AP1520S Datasheet
197Kb / 7P
PWM Control 2A Step-Down Converter
Rev. 1.5 Apr 10, 2006
logo
Diodes Incorporated
AP1520S DIODES-AP1520S Datasheet
259Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1520 Rev. 1
More results

Similar Description - AP1521

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com