Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1521 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1521
Description  White LED Step-Up Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1521 Datasheet(HTML) 3 Page - Anachip Corp

  AP1521 Datasheet HTML 1Page - Anachip Corp AP1521 Datasheet HTML 2Page - Anachip Corp AP1521 Datasheet HTML 3Page - Anachip Corp AP1521 Datasheet HTML 4Page - Anachip Corp AP1521 Datasheet HTML 5Page - Anachip Corp AP1521 Datasheet HTML 6Page - Anachip Corp AP1521 Datasheet HTML 7Page - Anachip Corp AP1521 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP1521
White LED Step-Up Converter
Anachip Corp.
www.anachip.com.tw
Rev. 0.1 Apr. 27, 2004
3/8
Electrical Characteristics (T
a=25°C, VIN = 3V, VSHDN = 3V, unless otherwise noted.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Minimum Operation Voltage
-
2.5
--
--
V
VIN
Maximum Operation Voltage
-
--
--
10
V
VFB
Feedback Pin Voltage
-
280
310
340
mV
IFB
Feedback Pin Bias Current
-
10
45
100
nA
--
1.9
2.5
mA
Supply Current
VSHDN = 0V
--
0.1
1.0
µA
FSW
Switching frequency
0.75
1.0
1.25
MHz
Duty
PWM Maximum Duty Cycle
85
90
--
%
ISW
Switch Current Limit
--
320
--
mA
VSAT
Switch VSAT
ISW = 250mA
--
350
--
mV
Switch Leakage Current
VSW = 5V
--
0.01
5
µA
VSHDN SHDN Pin Voltage High
Enable
1.5
--
--
V
VSHDN SHDN Pin Voltage Low
Disable
--
--
0.4
V
ISHDN SHDN Pin Bias Current
--
65
--
µA
Typical Application Circuit
Vin
SW
Vss
FB
SHDN
ON OFF
C1
1uF
LED1
LED2
LED3
C2
0.22uF
R1
20ohm
15mA
L1
22uH
D1
C1, C2: X5R or X7R Dielectric
D1: Central Semiconductor CMDSH-3
L1: MURATA LQH3C-220 or Equivalent
Figure 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com