Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1521 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1521
Description  White LED Step-Up Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1521 Datasheet(HTML) 2 Page - Anachip Corp

  AP1521 Datasheet HTML 1Page - Anachip Corp AP1521 Datasheet HTML 2Page - Anachip Corp AP1521 Datasheet HTML 3Page - Anachip Corp AP1521 Datasheet HTML 4Page - Anachip Corp AP1521 Datasheet HTML 5Page - Anachip Corp AP1521 Datasheet HTML 6Page - Anachip Corp AP1521 Datasheet HTML 7Page - Anachip Corp AP1521 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP1521
White LED Step-Up Converter
Anachip Corp.
www.anachip.com.tw
Rev. 0.1 Apr. 27, 2004
2/8
Block Diagram
1MHz
Oscillator
RAMP
Generator
Σ
-
+
V
REF
1.25V
V
IN 5
3
FB
R
C
C
C
310mV
Comparator
A2
R
S
Q
A1
1
Driver
SW
Q1
2 GND
4
SHDN
Shutdown
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
VIN Pin Voltage
10
V
VSW
SW Voltage
36
V
VFB
Feedback Pin Voltage
10
V
VSHDN
SHDN Pin Voltage
10
V
TJ
Maximum Junction Temperature
125
oC
TLEAD
Lead Temperature
300
oC
TOPR
Operating Temperature Range
-40 to +85
oC
TSTG
Storage Temperature Range
-40 to +125
oC
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any condition.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com