Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C103L Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C103L
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103L Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C103L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
227
PS8315-2
04/08/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C103
Precision Clock Synthesizer for Mobile PCs
Storage Temperature ............................................................ –65°C to +150°C
Ambient Temperature with Power Applied ............................. –0°C to +70°C
3.3V Supply Voltage to Ground Potential ............................. –0.5V to +4.6V
2.5V Supply Voltage to Ground Potential ............................. –0.5V to +3.6V
DC Input Voltage ................................................................... –0.5V to +4.6V
DCElectricalCharacteristics
(VDDQ3=+3.3V±5%,VDDQ2=+2.5V±5%,TA=0°Cto+70°C)
6
1
-
2
0
1
C
6
I
P
n
o
it
i
d
n
o
C
n
o
it
p
m
u
s
n
o
C
y
l
p
p
u
S
V
5
.
2
.
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
si
d
.
x
a
M
V
2
Q
D
D
V
5
2
6
.
2
=
V
=
s
t
u
p
n
i
c
it
a
t
s
ll
A
3
Q
D
D
V
r
o
S
S
n
o
it
p
m
u
s
n
o
C
y
l
p
p
u
S
V
3
.
3
.
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
si
d
.
x
a
M
V
3
Q
D
D
V
5
6
4
.
3
=
V
=
s
t
u
p
n
i
c
it
a
t
s
ll
A
3
Q
D
D
V
r
o
S
S
e
d
o
M
n
w
o
d
r
e
w
o
P
)
0
=
#
N
W
D
R
W
P
(
0
0
1 µA0
0
5 µA
z
H
M
6
6
e
v
it
c
A
0
=
#
6
6
/
0
0
1
L
E
S
A
m
2
7A
m
0
7
1
z
H
M
0
0
1
e
v
it
c
A
1
=
#
6
6
/
0
0
1
L
E
S
A
m
0
0
1A
m
0
7
1
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com