Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C103L Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C103L
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103L Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C103L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
230
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8315-2
04/08/99
PI6C103
Precision Clock Synthesizer for Mobile PCs
AC Timing
k
c
o
l
C
t
s
o
H
.
1
e
r
u
g
i
F
t
e
s
ff
O
K
L
C
I
C
P
o
t
s
r
e
t
e
m
a
r
a
P
z
H
M
6
6z
H
M
0
0
1
s
ti
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t P
K
H
)
V
5
.
2
(d
o
ir
e
p
K
L
C
t
s
o
H0
.
5
15
.
5
10
.
0
15
.
0
1
s
n
t H
K
H
)
V
5
.
2
(e
m
it
h
g
i
h
K
L
C
t
s
o
H2
.
50
.
3
t L
K
H
)
V
5
.
2
(e
m
it
w
o
l
K
L
C
t
s
o
H0
.
58
.
2
t
E
S
I
R
H
)
V
5
.
2
(e
m
it
e
si
r
K
L
C
t
s
o
H4
.
06
.
14
.
06
.
1
t
L
L
A
F
H
)
V
5
.
2
(e
m
it
ll
a
f
K
L
C
t
s
o
H4
.
06
.
14
.
06
.
1
t
R
E
T
T
I
J
)
V
5
.
2
(r
e
tt
i
J
K
L
C
t
s
o
H0
5
20
5
2s
p
)
V
5
.
2
(
el
c
y
C
y
t
u
DV
5
2
.
1
t
a
d
e
r
u
s
a
e
M5
45
55
45
5%
t
W
K
S
H
)
V
5
.
2
(w
e
k
S
K
L
C
s
u
B
t
s
o
H5
7
15
7
1s
p
t L
Z
P
t
,
H
Z
P
y
al
e
d
el
b
a
n
e
t
u
p
t
u
O0
.
10
.
80
.
10
.
8
s
n
t Z
L
P
t
,
Z
H
P
y
al
e
d
el
b
a
si
d
t
u
p
t
u
O0
.
10
.
80
.
10
.
8
t
B
T
S
H
p
u
-r
e
w
o
p
m
o
rf
n
o
it
a
zi
li
b
a
t
S
K
L
C
t
s
o
H3
3
s
m
t P
K
P
d
o
ir
e
p
K
L
C
I
C
P0
.
0
3
∝
0
.
0
3
∝
s
n
t
S
P
K
P
y
ti
li
b
a
t
s
d
o
ir
e
p
K
L
C
I
C
P0
0
50
0
5s
p
t H
K
P
e
m
it
h
g
i
h
K
L
C
I
C
P0
.
2
10
.
2
1
s
n
t L
K
P
e
m
it
w
o
l
K
L
C
I
C
P0
.
2
10
.
2
1
t
W
K
S
P
w
e
k
S
K
L
C
s
u
B
I
C
P0
0
50
0
5s
p
t
T
E
S
F
F
O
P
H
t
e
sf
f
O
k
c
o
l
C
I
C
P
o
t
t
s
o
H5
.
10
.
45
.
10
.
4s
n
t
B
T
S
P
p
u
-r
e
w
o
p
m
o
rf
n
o
it
a
zi
li
b
a
t
S
K
L
C
I
C
P3
3
s
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com