Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C103L Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C103L
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103L Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C103L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
229
PS8315-2
04/08/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C103
Precision Clock Synthesizer for Mobile PCs
Type 1: CPU Clock Buffers (2.5V)
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
I
N
I
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
0
.
1
=8
7
-
A
m
I
X
A
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
5
7
3
.
2
=7
6
-
I
N
I
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
2
.
1
=1
8
I
X
A
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
3
.
0
=0
6
t H
R
e
t
a
r
e
g
d
e
e
si
r
t
u
p
t
u
o
1
e
p
y
T
V
5
.
2V
0
.
2
-
V
4
.
0
@
%
5
±
V
5
.
21
4
s
n
/
V
t H
F
e
t
a
r
e
g
d
e
ll
a
f
t
u
p
t
u
o
1
e
p
y
T
V
5
.
2V
4
.
0
-
V
0
.
2
@
%
5
±
V
5
.
21
4
Type 3: REF Buffers (3.3V)
Buffer Specifications
e
m
a
N
r
e
ff
u
BV D
D
)
V
(
e
g
n
a
R(
e
c
n
a
d
e
p
m
I
W)e
p
y
T
r
e
ff
u
B
U
P
C5
2
6
.
2
-
5
7
3
.
23
.
7
1
~
8
.
61
e
p
y
T
z
H
M
4
2
/
8
4
,
F
E
R5
6
4
.
3
-
5
3
1
.
30
6
-
0
23
e
p
y
T
F
E
R
/I
C
P5
6
4
.
3
-
5
3
1
.
35
5
-
2
15
e
p
y
T
Type 5: PCI Clock Buffers (3.3V)
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
I
N
I
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
0
.
1
=9
2
-
A
m
I
X
A
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
5
7
3
.
2
=3
2
-
I
N
I
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
2
.
1
=9
2
I
X
A
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
3
.
0
=7
2
t H
R
e
t
a
r
e
g
d
e
e
si
r
t
u
p
t
u
o
3
e
p
y
T
V
3
.
3V
4
.
2
-
V
4
.
0
@
%
5
±
V
3
.
35
.
02
s
n
/
V
t H
F
e
t
a
r
e
g
d
e
ll
a
f
t
u
p
t
u
o
3
e
p
y
T
V
3
.
3V
4
.
0
-
V
4
.
2
@
%
5
±
V
3
.
35
.
02
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
I
N
I
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
0
.
1
=3
3
-
A
m
I
X
A
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
5
3
1
.
3
=3
3
-
I
N
I
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
5
9
.
1
=0
3
I
X
A
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
4
.
0
=8
3
t H
R
e
t
a
r
e
g
d
e
e
si
r
t
u
p
t
u
o
5
e
p
y
T
V
3
.
3V
4
.
2
-
V
4
.
0
@
%
5
±
V
3
.
31
4
s
n
/
V
t H
F
e
t
a
r
e
g
d
e
ll
a
f
t
u
p
t
u
o
5
e
p
y
T
V
3
.
3V
4
.
0
-
V
4
.
2
@
%
5
±
V
3
.
31
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com