Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C103L Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6C103L
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103L Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6C103L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C103L Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
232
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8315-2
04/08/99
PI6C103
Precision Clock Synthesizer for Mobile PCs
PCB Layout Suggestion
Note:
This is only a suggested layout. There may be alternate solutions
depending on actual PCB design and layout.
As a general rule, C2-C6 should be placed as close as possible to
their respective VDD.
Recommended capacitor values:
C2-C6............... 0.1µF, ceramic
C1, C7 ............ 22µF
C2
C3
C6
C5
C4
FB2
VCC
C7
22µF
Via to VDD Plane
Via to GND Plane
Void in Power Plane
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VSS
VDD
VDD
VDD
VSS
VSS
VDD
VSS
VDD
FB1
VCC
C1
22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com