Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP-8 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DIP-8
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DIP-8 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DIP-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DUAL OPERATIONAL AMPLIFIERS
AZ4558
3
Issue Date: Nov. 2002
Advanced Analog Circuits
Data Sheet
Rev.1.0
Operating Conditions: VCC = +15V, VEE = - 15V, TA= 25oC unless otherwise specified.
Electrical Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input Offset Voltage
-
0.5
6
mV
Input Bias Current
VCM = 0V
-
25
250
nA
Input Offset Current
VCM = 0V
-
2.5
100
nA
Input Resistance
0.3
5
-
M
Ω
Supply Current
RL = ∞, Over full temperature
range
-
3.3
5.7
mA
Large Signal Voltage Gain
RL ≥2Κ, VO = 1V to 11V
85
100
-
dB
Common Mode Rejection Ratio
VCM = 0V to VCC - 15V
80
92
-
dB
Power Supply Rejection Ratio
VCC=5V to 18V
VEE =− 5V to - 18V
80
95
-
dB
Output Current
Source
V+ = 1V, V- = 0V
-
50
-
mA
Sink
V+ = 0V, V- = 1V
-
50
-
mA
Output Voltage Swing
RL≥2KΩ
±10
±13
-
V
RL≥10KΩ
±12
±14
-
Slew Rate
-
1.3
-
V /
µS
Equivalent Input Noise Voltage
Rs=50
Ω, f=1KHz
-
10
-
nV/(HZ)0.5
Gain Bandwidth Product
-
3.4
-MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com