Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DIP-8
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DIP-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DIP-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DUAL OPERATIONAL AMPLIFIERS
AZ4558
1
Issue Date: Nov. 2002
Advanced Analog Circuits
Data Sheet
Rev.1.0
General Description
The AZ4558 consists of two high performance opera-
tional amplifiers. The IC features high gain, high input
resistance, excellent channel separation, wide range of
operating voltage and internal frequency compensa-
tion. It is specifically suitable for applications in differ-
ential-in, differential-out as well as in potential-metric
amplifiers and where gain and phase matched channels
are mandatory. The AZ4558 contains
± 18Vmaximum
power supply voltage.
The AZ4558 is available in DIP-8 or SOIC-8 package.
Features
·
Internal frequency compensation
·
Large DC voltage gain with 100 dB typical
·
High input resistance with 5M
Ω typical
·
Low input noise voltage with 10nV/
·
Maximum power supply voltages:
± 18V
·
Compatible with NJM 4558
Applications
·
Audio AC-3 decoded system
·
Audio amplifier
Pin Configuration
DIP-8
SOIC-8
Functional Block Diagram
Figure 2. Pin Configuration of AZ4558
Figure 3. Representative Schematic Diagram of AZ4558 (Each amplifier)
- Inpu t
+ Inpu t
3.1 K
Ω
7 .1 K
Ω
7.1
K
Ω
87 pF
4 80
Ω
4.2 K
Ω
36 K
Ω
15 0 Ω
1 0pF
25 Ω
25 Ω
V
EE
Out pu t
V
CC
HZ
SOIC-8/DIP-8
Top View
Figure 1. Package Types of AZ4558
8
VCC
7
OUTPUT 2
6
INPUT 2-
5
INPUT 2+
1
2
3
4
OUTPUT 1
INPUT 1-
INPUT 1+
VEE


Similar Part No. - DIP-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DIP-8 ETC-DIP-8 Datasheet
234Kb / 10P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
DIP-8 TI1-DIP-8 Datasheet
1Mb / 25P
MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
AG Electronica
DIP-8 AGELECTRONICA-DIP-8 Datasheet
671Kb / 3P
DIP SWITCH DE 8 POSICIONES
25/03/2019
logo
SYNC POWER Crop.
DIP-8P SYNC-POWER-DIP-8P Datasheet
38Kb / 1P
OUTLINE
More results

Similar Description - DIP-8

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
Dual Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
Dual Operational Amplifiers
logo
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com