Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP-8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DIP-8
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DIP-8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DIP-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DUAL OPERATIONAL AMPLIFIERS
AZ4558
2
Issue Date: Nov. 2002
Advanced Analog Circuits
Data Sheet
Rev.1.0
Recommended Operation Ratings
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
+ 18
V
VEE
- 18
Differential Input Voltage
VID
± 30
V
Input Voltage
VIC
± 15
V
Power Dissipation
PD
DIP
500
mW
SOIC
800
Operating Temperature Range
TOP
-40 to 85
oC
Storage Temperature Range
TSTG
-40 to 125
oC
Parameter
Min.
Max.
Unit
Supply Voltage
± 4
± 18
V
Absolute Maximum Ratings
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOIC-8
-40 to 85oC
AZ4558M
4558M
Tube, Reel
DIP-8
AZ4558P
AZ4558P
Tube
Ordering Information
Note: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operation Ratings" is not implied. Exposure to "Absolute Maximum Rat-
ings" for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com