Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP-8 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DIP-8
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DIP-8 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DIP-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers DIP-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DUAL OPERATIONAL AMPLIFIERS
AZ4558
4
Issue Date: Nov. 2002
Advanced Analog Circuits
Data Sheet
Rev.1.0
Figure 4. Open Loop Voltage Gain vs. Frequency
Figure 5. Maximum Output Voltage Swing vs. Frequency
Figure 6. Maximum Output Voltage Swing
Figure 7. Equivalent Input Noise Voltage vs. Frequency
vs. Load Resistance
2x10
0HZ 101HZ
10
2HZ
10
3HZ
10
4HZ
10
5HZ
10
6HZ
0
20
40
60
80
100
120
V
CC=15V, VEE=-15V
R
L=2K,TA=25
oC
Frequency (HZ)
0.1K
1K
10K
12
14
16
18
20
22
24
26
28
30
V
CC=15V,VEE=-15V,TA=25
oC
Load Resistance (kΩ)
10
0HZ
10
1HZ
10
2HZ
10
3HZ
10
0
10
1
10
2
10
3
Frequency (HZ)
V
CC=15V, VEE=-15V
R
S=50Ω,TA=25
oC
10
1HZ
10
2HZ
10
3HZ
10
4HZ
10
5HZ
10
6HZ
0
5
10
15
20
25
30
Frequency (HZ)
V
CC=15V,VEE=-15V,
R
L=2K, TA=25
oC
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com