Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6401 Datasheet(PDF) 1 Page - Microchip Technology

Part # SST38VF6401
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401 Datasheet(HTML) 1 Page - Microchip Technology

  SST38VF6401 Datasheet HTML 1Page - Microchip Technology SST38VF6401 Datasheet HTML 2Page - Microchip Technology SST38VF6401 Datasheet HTML 3Page - Microchip Technology SST38VF6401 Datasheet HTML 4Page - Microchip Technology SST38VF6401 Datasheet HTML 5Page - Microchip Technology SST38VF6401 Datasheet HTML 6Page - Microchip Technology SST38VF6401 Datasheet HTML 7Page - Microchip Technology SST38VF6401 Datasheet HTML 8Page - Microchip Technology SST38VF6401 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
©2015
DS-20005015B
08/15
Not Recommended for New Designs
www.microchip.com
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Features
• Organized as 4M x16
• Single Voltage Read and Write Operations
– 2.7-3.6V
• Superior Reliability
– Endurance: 100,000 Cycles minimum
– Greater than 100 years Data Retention3
• Low Power Consumption (typical values at 5 MHz)
– Active Current: 4 mA (typical)
– Standby Current: 3 µA (typical)
– Auto Low Power Mode: 3 µA (typical)
• 128-bit Unique ID
• Security-ID Feature
– 256 Word, user One-Time-Programmable
• Protection and Security Features
– Hardware Boot Block Protection/WP# Input Pin, Uni-
form (32 KWord) and Non-Uniform (8 KWord) options
available
– User-controlled individual block (32 KWord) protection,
using software only methods
– Password protection
• Hardware Reset Pin (RST#)
• Fast Read and Page Read Access Times:
– 90 ns Read access time
– 25 ns Page Read access times
- 4-Word Page Read buffer
• Latched Address and Data
• Fast Erase Times:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 40 ms (typical)
• Erase-Suspend/-Resume Capabilities
• Fast Word and Write-Buffer Programming Times:
– Word-Program Time: 7 µs (typical)
– Write Buffer Programming Time: 1.75 µs / Word (typical)
- 16-Word Write Buffer
• Automatic Write Timing
– Internal VPP Generation
• End-of-Write Detection
– Toggle Bits
– Data# Polling
– RY/BY# Output
• CMOS I/O Compatibility
• JEDEC Standard
– Flash EEPROM Pinouts and command sets
• CFI Compliant
• Packages Available
– 48-lead TSOP
– 48-ball TFBGA
• All devices are RoHS compliant
The SST38VF6401/6402/6403/6404 are 4M x16 CMOS Advanced Multi-Purpose
Flash Plus (Advanced MPF+) devices manufactured with proprietary, high-perfor-
mance CMOS Super- Flash technology. The split-gate cell design and thick-oxide
tunneling injector attain better reliability and manufacturability compared with
alternate approaches. The SST38VF6401/6402/6403/6404 write (Program or
Erase) with a 2.7-3.6V power supply. This device conforms to JEDEC standard
pin assignments for x16 memories.
Not recommended for new designs.
Please use SST38VF6401B/6402B/6403B/64040B


Similar Part No. - SST38VF6401

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
7Mb / 66P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
1Mb / 56P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401B-70-5I-CD MICROCHIP-SST38VF6401B-70-5I-CD Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6401B-70-5I-TV MICROCHIP-SST38VF6401B-70-5I-TV Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
More results

Similar Description - SST38VF6401

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
logo
Silicon Storage Technol...
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
64 Mbit (x16) Multi-Purpose Flash Plus
08/15
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com