Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS2064 Datasheet(PDF) 21 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 21 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 17Page - Microchip Technology IS2064 Datasheet HTML 18Page - Microchip Technology IS2064 Datasheet HTML 19Page - Microchip Technology IS2064 Datasheet HTML 20Page - Microchip Technology IS2064 Datasheet HTML 21Page - Microchip Technology IS2064 Datasheet HTML 22Page - Microchip Technology IS2064 Datasheet HTML 23Page - Microchip Technology IS2064 Datasheet HTML 24Page - Microchip Technology IS2064 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 21
IS2062/64
4.0
MICROCONTROLLER
A microcontroller is built into an SoC to execute the
Bluetooth protocols. It operates from 16 MHz to higher
frequencies where the firmware can dynamically adjust
the trade-off between the computing power and the
power consumption. In ROM version, the MCU firm-
ware is hard-wired to minimize power consumption and
to save the external Flash cost.
4.1
Memory
There are sufficient ROM and RAM to fulfill the require-
ment of processor, in which a synchronous single port
RAM interface is used. The register bank, dedicated
single port memory and Flash memory are connected
to the processor bus. The processor coordinates all the
link control procedures and data movement using a set
of pointer registers.
4.2
External Reset
The IS2062/64 SoC provides a watchdog timer (WDT)
to Reset the SoC. It has an integrated Power-on Reset
(POR) circuit that resets all circuits to a known
Power-on state. This action can also be driven by an
external Reset signal which is used to control the
device externally by forcing it into a POR state. The
RST_N signal input is active-low and no connection is
required in most of the applications.
4.3
Reference Clock
The IS2062/64 SoC is composed of an integrated crys-
tal oscillation function that uses a 16 MHz, ±10 ppm
external crystal and two specified loading capacitors to
provide a high quality system reference timer source.
This feature is typically used to remove the initial toler-
ance frequency errors associated with the crystal and
its equivalent loading capacitance in mass production.
Frequency trim is achieved by adjusting the crystal
loading capacitance through the on-chip trim capaci-
tors (Ctrim).
The value of trimming capacitance is 200 fF
(200x10-15 F) per LSb at 5-bit word and the overall
adjustable clock frequency is ±50 kHz (based on crystal
with load capacitance, CL spec = 9 pF). Figure 4-1 illus-
trates the crystal connection of the IS2062/64 SoC with
two capacitors.
FIGURE 4-1:
CRYSTAL CONNECTION
IS2062_64.book Page 21 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com