Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS2064 Datasheet(PDF) 1 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 1 Page - Microchip Technology

  IS2064 Datasheet HTML 1Page - Microchip Technology IS2064 Datasheet HTML 2Page - Microchip Technology IS2064 Datasheet HTML 3Page - Microchip Technology IS2064 Datasheet HTML 4Page - Microchip Technology IS2064 Datasheet HTML 5Page - Microchip Technology IS2064 Datasheet HTML 6Page - Microchip Technology IS2064 Datasheet HTML 7Page - Microchip Technology IS2064 Datasheet HTML 8Page - Microchip Technology IS2064 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 1
IS2062/64
Features
• Qualified for Bluetooth v4.2 specifications
• Supports HFP 1.6, HSP 1.2, A2DP 1.3, SPP 1.2
and AVRCP 1.6
• Supports Bluetooth Low Energy (BLE) (FW
dependent):
- Generic access service
- Device information service
- Proprietary services for data communication
- Apple Notification Center Service (ANCS)
• Supports high resolution up to 24-bit, 96 kHz
audio data format
•I2S digital audio (IS2064 only), MIC, analog
audio, AUX-In
• Supports microphone inputs: 2 (IS2062) and 1
(IS2064)
• UART, GPIOs, and LEDs
• Supports firmware field upgrade
• Battery charging
Baseband Features
• 16 MHz main clock input
• Flash memory (8 Mbit)
• EEPROM (128 Kbit)
• Connects two hosts with HFP or A2DP profiles
simultaneously, and SPP/BLE connection to one
host
• Adaptive Frequency Hopping (AFH)
RF Features
• Class 2 output power (+2 dBm typical)
• Receive sensitivity: -90 dBm (2 Mbps EDR)
• Supports Bluetooth (BDR/EDR/BLE)
specifications (FW dependent)
• Combined Tx/Rx RF terminal simplifies external
matching and reduces external antenna switches
• Tx/Rx RF switch for Class 2 or Class 3 applica-
tions
• Integrated synthesizer requires no external
voltage-controlled oscillator (VCO), varactor
diode, resonator, loop filter
• Crystal oscillator with built-in digital trimming com-
pensates for temperature or process variations
DSP Audio Processing
• 32-bit DSP core
• Supports 64 kbps A-Law,
-Law PCM format,
Continuous Variable Slope Delta (CVSD) Modula-
tion for Synchronous Connection-Oriented (SCO)
channel operation
• Supports 8/16 kHz noise suppression
• Supports 8/16 kHz echo cancellation
• Packet loss concealment (PLC)
• Supports Serial Copy Management System
(SCMS-T) content protection
Audio Codec
• Sub-band Coding (SBC) and optional Advanced
Audio Coding (AAC) decoding
• 20-bit digital-to-analog (DAC) with 98 dB SNR
• 16-bit analog-to-digital (ADC) with 92 dB SNR
• Supports up to 24-bit, 96 kHz on I2S digital audio
Peripherals
• High-speed Host Controller Interface (HCI)-UART
(supports up to 921,600 bps)
• USB2.0 compatible interface for FW/EEPROM
upgrade (IS2064)
• Built-in lithium-ion and lithium-polymer battery
charger (up to 350 mA)
• Integrated 1.8V and 3V configurable switching
regulator and low-dropout (LDO) regulator
• Built-in ADC for battery monitoring and voltage
sensor and charger thermal protection
• Built-in undervoltage protection (UVP)
• LED drivers: 2 (IS2062) and 3 (IS2064)
Operating Condition
• Operating voltage: 3.2V to 4.2V
• Temperature range: -20°C to +70°C
Package
• IS2062: 7 mm x 7 mm, LGA-56 package
• IS2064: 8 mm x 8 mm, LGA-68 package
• 0.4 mm pitch
Bluetooth® 4.2 Stereo Audio SoC
IS2062_64.book Page 1 Monday, May 16, 2016 6:05 PM


Similar Part No. - IS2064

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS206 ETC-IS206 Datasheet
45Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
IS206 ISOCOM-IS206 Datasheet
72Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR
logo
Microchip Technology
IS2063 MICROCHIP-IS2063 Datasheet
5Mb / 58P
Qualified for Bluetooth v4.2 specifications
2016
logo
List of Unclassifed Man...
IS206X ETC-IS206X Datasheet
45Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
IS206X ISOCOM-IS206X Datasheet
72Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR
More results

Similar Description - IS2064

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
METROXS EXAR-METROXS Datasheet
178Kb / 3P
INDUSTRY-FIRST, 5G MULTI-SERVICE ACCESS PLATFORM
logo
Baumer IVO GmbH & Co. K...
Z10002A IVO-Z10002A Datasheet
177Kb / 1P
Accessories & Service
Z10004A IVO-Z10004A Datasheet
181Kb / 1P
Accessories & Service
Z10704A IVO-Z10704A Datasheet
167Kb / 1P
Accessories & Service
Z119023 IVO-Z119023 Datasheet
219Kb / 1P
Accessories & Service
Z119037 IVO-Z119037 Datasheet
164Kb / 1P
Accessories & Service
Z139006 IVO-Z139006 Datasheet
201Kb / 1P
Accessories & Service
logo
ATMEL Corporation
TSSOP-44 ATMEL-TSSOP-44 Datasheet
34Kb / 1P
Generic socket card
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
logo
Festo Corporation.
8098371 FESTO-8098371 Datasheet
74Kb / 1P
Service unit
11/29/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com