Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS2064 Datasheet(PDF) 2 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 2 Page - Microchip Technology

  IS2064 Datasheet HTML 1Page - Microchip Technology IS2064 Datasheet HTML 2Page - Microchip Technology IS2064 Datasheet HTML 3Page - Microchip Technology IS2064 Datasheet HTML 4Page - Microchip Technology IS2064 Datasheet HTML 5Page - Microchip Technology IS2064 Datasheet HTML 6Page - Microchip Technology IS2064 Datasheet HTML 7Page - Microchip Technology IS2064 Datasheet HTML 8Page - Microchip Technology IS2064 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
IS2062/64
DS60001409A - Page 2
Advance Information
 2016 Microchip Technology Inc.
Applications
• Soundbars and subwoofers
• Speaker phones
• Headsets and headphones
Description
The IS2062/64 is a Stereo Audio SoC qualified for
Bluetooth 4.2 with Enhanced Data Rate (EDR). It
integrates a 32-bit DSP co-processor and a codec
which is dedicated for voice and audio applications. For
voice applications, Continuously Variable Slope Delta
(CVSD) encoding/decoding, 8K/16K noise reduction,
and echo cancellation are implemented. For audio
applications, Sub-band coding (SBC) and AAC Low-
Complexity (AAC-LC) decoding functions are used.
The IS2062/64 SoC features a 20-bit audio DAC in
addition to an I2S digital audio interface that supports
up to 24-bit, 96 kHz data formats. System optimizations
include an integrated battery voltage sensor, battery
charger, switching regulator, and LDO.
IS2062_64.book Page 2 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com