Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS2064 Datasheet(PDF) 8 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 8 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 4Page - Microchip Technology IS2064 Datasheet HTML 5Page - Microchip Technology IS2064 Datasheet HTML 6Page - Microchip Technology IS2064 Datasheet HTML 7Page - Microchip Technology IS2064 Datasheet HTML 8Page - Microchip Technology IS2064 Datasheet HTML 9Page - Microchip Technology IS2064 Datasheet HTML 10Page - Microchip Technology IS2064 Datasheet HTML 11Page - Microchip Technology IS2064 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
IS2062/64
DS60001409A - Page 8
Advance Information
 2016 Microchip Technology Inc.
TABLE 1-2:
IS2062 SOC PIN DESCRIPTIONS
Pin No
Pin Type
Name
Description
1
P
VCOM
Internal biasing voltage for codec; connect to GND
through a 1 μF (X5R/X7R) capacitor
2
I
MIC_N2
Mic 2 mono differential analog negative input
3
I
MIC_P2
Mic 2 mono differential analog positive input
4
I
MIC_N1
Mic 1 mono differential analog negative input
5
I
MIC_P1
Mic 1 mono differential analog positive input
6
P
MIC_BIAS
Electric mic biasing voltage
7
I
AIR
R-channel, single-ended analog input
8
I
AIL
L-channel, single-ended analog input
9
P
VDD_CORE
Core 1.2V power input; connect to the CLDO_O pin;
connect to GND through a 1 μF (X5R/X7R) capacitor
10
O
P1_2
I2C SCL (EEPROM)
11
I/O
P1_3
I2C SDA (EEPROM), requires external pull-up resistor
12
I
RST_N
System Reset (active-low)
13
P
VDD_IO
I/O power supply input (3.0V~3.6V); connect to
LDO31_VO (pin # 22); connect to GND through a 1 μF
(X5R/X7R) capacitor
14
I/O
P0_1
Configurable control or indication pin
(Internally pulled up if configured as an input)
• FWD key when class 2 RF (default), active-low
• Class1 Tx control signal for external RF T/R
switch, active-high
15
I
P2_4
System configuration pin along with P2_0 and EAN
pins can be used to set the SoC in any one of the fol-
lowing modes:
• Application mode (for normal operation)
• Test mode (to change EEPROM values)
• Write Flash mode (to load a new firmware into the
SoC), see Table 6-1
16
I/O
P0_4
Configurable control or indication pin
(Internally pulled up if configured as an input)
• NFC detection pin, active-low
• Out_Ind_1
17
I/O
P1_5
Configurable control or indication pin
(Internally pulled up if configured as an input)
• NFC detection pin, active-low
• Out_Ind_1
• Slide Switch Detector
18
I
HCI_RXD
HCI UART data input
19
O
HCI_TXD
HCI UART data output
20
P
CODEC_VO
LDO output for codec power
21
P
LDO31_VIN
LDO input, connect to SYS_PWR (pin # 27)
22
P
LDO31_VO
3V LDO output for VDD_IO power, do not calibrate
23
P
ADAP_IN
5V power adaptor input
24
P
BAT_IN
Battery input. voltage range: 3.2V to 4.2V
IS2062_64.book Page 8 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com