Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWF8BN-P2P3-R Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUWF8BN-P2P3-R
Description  SMD package with lens
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWF8BN-P2P3-R Datasheet(HTML) 1 Page - OSRAM GmbH

  LUWF8BN-P2P3-R Datasheet HTML 1Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 2Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 3Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 4Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 5Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 6Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 7Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 8Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2016-06-21
1
2016-06-21
OSLUX Phaser III
Datasheet
Discontinued
LUW F8BN
Highly efficient lightsource at low space with focussed
radiation
Hocheffiziente Lichtquelle bei geringem Platzbedarf
mit fokussierter Abstrahlung mit rechteckigem
Beleuchtungsfeld
Features:
Besondere Merkmale:
•
Package: SMD package with lens
•
Gehäusetyp: SMD Gehäuse mit Optik
•
Color: Cx = 0.32, Cy = 0.33 acc. to CIE 1931 ();
CTR = 6500 K
•
Farbe: Cx = 0.32, Cy = 0.33 nach CIE 1931 (); CTR
= 6500 K
•
ESD - withstand voltage: 8 kV acc. to IEC
61000-4-2, level 4 (contact discharge)
•
ESD - Festigkeit: 8 kV nach IEC 61000-4-2, level 4
(Kontaktentladung)


Similar Part No. - LUWF8BN-P2P3-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWF8DN-SGSI-RS OSRAM-LUWF8DN-SGSI-RS Datasheet
2Mb / 23P
SMD package with reflector and lens
More results

Similar Description - LUWF8BN-P2P3-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
SMD epoxy package with silicone lens
LRH9GP-HZKX-1-1 OSRAM-LRH9GP-HZKX-1-1 Datasheet
613Kb / 21P
SMD epoxy package with silicone lens
LTH9GP-JZKZ-26-1 OSRAM-LTH9GP-JZKZ-26-1 Datasheet
621Kb / 21P
SMD epoxy package with silicone lens
LUWH9GP-KYLY-4C8E-1 OSRAM-LUWH9GP-KYLY-4C8E-1 Datasheet
763Kb / 24P
SMD epoxy package with silicone lens
LUWF65G OSRAM-LUWF65G Datasheet
662Kb / 19P
SMD package with lens
LUWF65N OSRAM-LUWF65N Datasheet
710Kb / 19P
SMD package with lens
LJ-CKBP OSRAM-LJ-CKBP Datasheet
1,001Kb / 22P
SMD ceramic package with silicone lens
LW-F65G OSRAM-LW-F65G Datasheet
351Kb / 19P
SMD package with lens
LUW-F65G OSRAM-LUW-F65G Datasheet
662Kb / 19P
SMD package with lens
LUW-F65N OSRAM-LUW-F65N Datasheet
710Kb / 19P
SMD package with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com