Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWF8BN-P2P3-R Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LUWF8BN-P2P3-R
Description  SMD package with lens
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWF8BN-P2P3-R Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LUWF8BN-P2P3-R Datasheet HTML 8Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 9Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 10Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 11Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 12Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 13Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 14Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 15Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2016-06-21
12
Discontinued
LUW F8BN
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f(TA), Rth JA el = 150 K/W, still air, FR4
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
Rth JA el = 150K/W, TA = 25°C, still air, FR4
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
Rth JA el = 150K/W, TA = 70°C, still air, FR4
0
0
˚C
T
IF
A
OHL04469
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.22
10 20 30 40 50 60 70 80
100
A
0.01
0.5
0.05
0.02
0.3
0.2
0.1
0.005
D =
-1
-5
-4
-3
-2
10
10
10
10
10
0
0.2
0.4
0.6
1.0
0.8
1.2
0
1
2
10
tp
10
10
s
t
2.0
1.4
1.6
1.8
IF
2.2
2.6
A
t
P
T
D =
OHL04460
T
P
IF
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL04461
T
t
P
IF
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.6
0.01
0.5
0.05
0.02
0.3
0.2
0.1
0.005
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com