Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWF8BN-P2P3-R Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LUWF8BN-P2P3-R
Description  SMD package with lens
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWF8BN-P2P3-R Datasheet(HTML) 3 Page - OSRAM GmbH

  LUWF8BN-P2P3-R Datasheet HTML 1Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 2Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 3Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 4Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 5Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 6Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 7Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 8Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Discontinued
LUW F8BN
2016-06-21
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 85
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
Tj
150
°C
Junction temperature pulsed
Sperrschichttemperatur gepulst
T
j
175
°C
Forward current
Durchlassstrom
(Rth JA el = 150K/W, TA = 25°C, still air, FR4)
I
F
30 ... 200
mA
Forward current pulsed
Durchlassstrom gepulst
()
IF pulse
30 ... 2000
mA
Reverse voltage
Sperrspannung
(TS = 25 °C)
V
R
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to IEC 61000-4-2, level 4 - contact discharge)
VESD
8
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com