Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWF8BN-P2P3-R Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LUWF8BN-P2P3-R
Description  SMD package with lens
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWF8BN-P2P3-R Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LUWF8BN-P2P3-R Datasheet HTML 6Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 7Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 8Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 9Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 10Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 11Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 12Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 13Page - OSRAM GmbH LUWF8BN-P2P3-R Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2016-06-21
10
Discontinued
LUW F8BN
Forward Current 5) page 22 , 6) page 22
Durchlassstrom 5) Seite 22 , 6) Seite 22
IF = f (VF); TS = 25 °C
Relative Illuminance 5) page 22 , 6) page 22
Relative Beleuchtungsstärke 5) Seite 22 , 6) Seite 22
EV/EV(1000 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 5) page 22
Farbortverschiebung 5) Seite 22
Cx, Cy = f(IF); TS = 25 °C
LUW F8BN
2.8 3.0 3.2 3.4 3.6 3.8 4.0
VF [V]
200
400
600
800
1000
1200
1400
1600
1800
2000
IF [mA]
30
LUW F8BN
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
EV
EV(1000 mA )
LUW F8BN
IF [mA]
0.30
0.31
0.32
0.33
0.34
0.35
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com