Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL24C16A Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL24C16A
Description  Single supply voltage and high speed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL24C16A Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL24C16A Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
BL24C02A/04A/08A/16A
BL24C02A/04A/08A/16A Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
© 2016 Belling All Rights Reserved www.belling.com.cn
7-16
microcontroller does not respond with a "0" but does generate a following stop condition (see Figure
10).
Figure 5. Device Address
1
0
1
0
0
0
0
R/W
MSB
LSB
2K
1
0
1
0
0
0
P0
R/W
4K
1
0
1
0
0
P1
P0
R/W
8K
1
0
1
0
P2
P1
P0
R/W
16K
Figure 6. Byte Write
SDA
LINE
S
T
A
R
T
DEVICE
ADDRESS
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
WORD
ADDRESS
A
C
K
L
S
B
A
C
K
L
S
B
S
T
O
P
DATA
Figure 7. Page Write
S
T
A
R
T
DEVICE
ADDRESS
W
R
I
T
E
M
S
B
L
S
B
R
/
W
A
C
K
WORD
ADDRESS
A
C
K
L
S
B
A
C
K
S
T
O
P
DATA(n)
A
C
K
A
C
K
DATA(n+1)
DATA(n+1)
SDA
LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com