Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL24C16A Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL24C16A
Description  Single supply voltage and high speed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL24C16A Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL24C16A Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
BL24C02A/04A/08A/16A
BL24C02A/04A/08A/16A Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
© 2016 Belling All Rights Reserved www.belling.com.cn
3-16
WRITE PROTECT (WP):
The BL24C02A/BL24C04A/BL24C08A/BL24C16A has a Write Protect pin that
provides hardware data protection. The Write Protect pin allows normal read/write operations when
connected to ground (GND). When the Write Protection pin is connected to Vcc, the write protection
feature is enabled and operates as shown in the following Table 2.
WP Pin Status
BL24C02A/04A/08A/16A
At VCC
Full Array
At GND
Normal Read/Write Operations
Functional Description
1. Memory Organization
BL24C02A, 2K SERIAL EEPROM:
Internally organized with 16 pages of 16 bytes each, the 2K requires an 8-
bit data word address for random word addressing.
BL24C04A, 4K SERIAL EEPROM:
Internally organized with 32 pages of 16 bytes each, the 4K requires a 9-
bit data word address for random word addressing.
BL24C08A, 8K SERIAL EEPROM:
Internally organized with 64 pages of 16 bytes each, the 8K requires a 10-
bit data word address for random word addressing.
BL24C16A, 16K SERIAL EEPROM:
Internally organized with 128 pages of 16 bytes each, the 16K requires an
11-bit data word address for random word addressing.
2. Device Operation
CLOCK and DATA TRANSITIONS:
The SDA pin is normally pulled high with an external device. Data on the
SDA pin may change only during SCL low time periods (see Figure 2). Data changes during SCL high
periods will indicate a start or stop condition as defined below.
START CONDITION:
A high-to-low transition of SDA with SCL high is a start condition which must
precede any other command (see Figure 3).
STOP CONDITION:
A low-to-high transition of SDA with SCL high is a stop condition. After a read
sequence, the stop command will place the EEPROM in a standby power mode (see Figure 3).
ACKNOWLEDGE:
All addresses and data words are serially transmitted to and from the EEPROM in 8-bit
words. The EEPROM sends a "0" to acknowledge that it has received each word. This happens during
the ninth clock cycle.
STANDBY MODE:
The BL24C02A/BL24C04A/BL24C08A/BL24C16A features a low-power standby mode
which is enabled: (a) upon power-up and (b) after the receipt of the STOP bit and the completion of any
internal operations.
MEMORY RESET:
After an interruption in protocol, power loss or system reset, any two-wire part can be
reset by following these steps:
Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com