Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL24C16A Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL24C16A
Description  Single supply voltage and high speed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL24C16A Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL24C16A Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
BL24C02A/04A/08A/16A
BL24C02A/04A/08A/16A Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
© 2016 Belling All Rights Reserved www.belling.com.cn
1-16
Features
Compatible with all I2C bidirectional data
transfer protocol
Memory array:
–
2K bits (256X 8) / 4K bits (512 X 8) / 8K
bits (1024 X 8) / 16K bits (2048 X 8) of
EEPROM
–
Page size: 16 bytes
Single supply voltage and high speed:
–
1 MHz
Random and sequential Read modes
Write:
–
Byte Write within 3 ms
–
Page Write within 3 ms
–
Partial Page Writes Allowed
Write Protect Pin for Hardware Data Protection
Schmitt Trigger, Filtered Inputs for Noise
Suppression
High-reliability
–
Endurance: 1 Million Write Cycles
–
Data Retention: 100 Years
Enhanced ESD/Latch-up protection
–
HBM 8000V
8-lead PDIP/SOP/TSSOP/UDFN and WLCSP4
packages
Description
The BL24C02A/BL24C04A/BL24C08A/BL24C16A
provides 2048/4096/8192/16384 bits of serial
electrically erasable and programmable read-
only memory (EEPROM), organized as
256/512/1024/2048 words of 8 bits each.
The device is optimized for use in many
industrial and commercial applications where
low-power and low-voltage operation are
essential.
Pin Configuration
A2
GND
VCC
WP
A0
A1
A2
GND
A0
A1
A2
GND
A0
A1
A2
GND
VCC
WP
VCC
WP
VCC
WP
1
2
3
4
5
6
7
8
1
2
3
4
1
2
3
4
5
6
7
8
5
6
7
8
5
6
7
8
1
2
3
4
8-lead PDIP
8-lead SOP
8-lead TSSOP
8-pad DFN
1
2
A
B
Vcc
Vss
SCL
SDA
WLCSP4
Bottem view
Marking side
(top view)
SCL
SDA
SCL
SDA
SCL
SDA
SCL
SDA
A0
A1


Similar Part No. - BL24C16A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL24C16 BELLING-BL24C16 Datasheet
367Kb / 15P
The device is optimized for use in many industrial and commercial applications
More results

Similar Description - BL24C16A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC4744 NEC-UPC4744 Datasheet
86Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADCMP551 AD-ADCMP551 Datasheet
522Kb / 14P
Single Supply High Speed PECL Comparators
logo
New Japan Radio
NJM2742 NJRC-NJM2742 Datasheet
291Kb / 10P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
493Kb / 13P
Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
May 12, 2008
logo
SHANGHAI BELLING CO., L...
BL24C02P BELLING-BL24C02P Datasheet
944Kb / 16P
Single Supply Voltage and High Speed
BL24C128A BELLING-BL24C128A Datasheet
861Kb / 16P
Single supply voltage and high speed
BL24C256A BELLING-BL24C256A Datasheet
647Kb / 18P
Single supply voltage and high speed
logo
New Japan Radio
NJM842 NJRC-NJM842 Datasheet
1Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM3472 NJRC-NJM3472 Datasheet
2Mb / 15P
HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com