Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL24C16A Datasheet(PDF) 13 Page - SHANGHAI BELLING CO., LTD.

Part # BL24C16A
Description  Single supply voltage and high speed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL24C16A Datasheet(HTML) 13 Page - SHANGHAI BELLING CO., LTD.

Back Button BL24C16A Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 14Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 15Page - SHANGHAI BELLING CO., LTD. BL24C16A Datasheet HTML 16Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
BL24C02A/04A/08A/16A
BL24C02A/04A/08A/16A Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
© 2016 Belling All Rights Reserved www.belling.com.cn
13-16
SOP
1
N
E
B
e
A
A1
D
E1
L
Φ
SYMBOL
MIN
NOM
MAX
NOTE
A
1.35
-
1.75
A1
0.10
-
0.25
b
0.31
-
0.51
C
0.17
-
0.25
D
4.80
-
5.00
E1
3.81
-
3.99
E
5.79
-
6.20
e
L
0.40
-
1.27
Φ
0"
-
8"
1.27BSC
COMMON DIMENSIONS
(Unit of Measure=mm)
Notes:
These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper
dimensions, tolerances, datums, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com