Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP37231 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 17Page - Microchip Technology MCP37231 Datasheet HTML 18Page - Microchip Technology MCP37231 Datasheet HTML 19Page - Microchip Technology MCP37231 Datasheet HTML 20Page - Microchip Technology MCP37231 Datasheet HTML 21Page - Microchip Technology MCP37231 Datasheet HTML 22Page - Microchip Technology MCP37231 Datasheet HTML 23Page - Microchip Technology MCP37231 Datasheet HTML 24Page - Microchip Technology MCP37231 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 21
MCP37231/21-200 AND MCP37D31/21-200
Dynamic Accuracy(6,15)
Spurious Free Dynamic
Range
SFDR
78
90
—
dBc
fIN = 15 MHz
77
85
—
dBc
fIN = 70 MHz
Signal-to-Noise Ratio
SNR
fIN = 15 MHz
73.3
74.7
—
dBFS MCP37231/MCP37D31
—
74.2
—
dBFS MCP37221/MCP37D21
SNR
fIN = 70 MHz
—
74.2
—
dBFS MCP37231/MCP37D31
—
73.7
—
dBFS MCP37221/MCP37D21
Effective Number of Bits
(ENOB)(13)
ENOB
fIN = 15 MHz
—
12.1
—
bits
MCP37231/MCP37D31
—
12
—
bits
MCP37221/MCP37D21
ENOB
fIN = 70 MHz
—
12
—
bits
MCP37231/MCP37D31
—
11.7
—
bits
MCP37221/MCP37D21
Total Harmonic Distortion
(for all resolutions, first 13
harmonics)
THD
78
89
—
dBc
fIN = 15 MHz
77
82
—
dBc
fIN = 70 MHz
Worst Second or
Third Harmonic Distortion
HD2 or HD3
—
90
—
dBc
fIN = 15 MHz
—83
—
dBc
fIN = 70 MHz
Two-Tone Intermodulation
Distortion
fIN1 = 15 MHz,
fIN2 = 17 MHz
IMD
—
90.5
—
dBc
AIN = -7 dBFS,
with two input frequencies
Digital Logic Input and Output (Except LVDS Output)
Schmitt Trigger High-Level
Input Voltage
VIH
0.7 DVDD18
—
DVDD18
V
Schmitt Trigger Low-Level
Input Voltage
VIL
GND
—
0.3 DVDD18
V
Hysteresis of Schmitt
Trigger Inputs
(All digital inputs)
VHYST
—
0.05 DVDD18
—V
Low-Level Output Voltage
VOL
——
0.3
V
IOL = -3 mA, all digital I/O pins
High-Level Output Voltage
VOH
DVDD18 –0.5
1.8
—
V
IOL = +3 mA, all digital I/O pins
Digital Data Output (CMOS Mode)
Maximum External Load
Capacitance
CLOAD
—
10
—
pF
From output pin to GND
Internal I/O Capacitance
CINT
—4
—
pF
Note 5
TABLE 2-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +85°C, AVDD18 =DVDD18 =1.8V,
AVDD12 =DVDD12 = 1.2V, GND = 0V, SENSE = AVDD12, Single-channel mode, Differential Analog Input (AIN) = Sine wave with
amplitude of -1 dBFS, fIN = 70 MHz, Clock Input = 200 MHz, fS = 200 Msps (ADC Core), Resolution = 16-bit, PLL and decimation
filters are disabled, Output load: CMOS data pin = 10 pF, LVDS = 100
termination, LVDS driver current setting = 3.5 mA, +25°C is
applied for typical value.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com