Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP37231 Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 71Page - Microchip Technology MCP37231 Datasheet HTML 72Page - Microchip Technology MCP37231 Datasheet HTML 73Page - Microchip Technology MCP37231 Datasheet HTML 74Page - Microchip Technology MCP37231 Datasheet HTML 75Page - Microchip Technology MCP37231 Datasheet HTML 76Page - Microchip Technology MCP37231 Datasheet HTML 77Page - Microchip Technology MCP37231 Datasheet HTML 78Page - Microchip Technology MCP37231 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 75
MCP37231/21-200 AND MCP37D31/21-200
4.13.1.1
Hardware Reset
A hard reset is triggered by toggling the RESET pin. On
the rising edge, all internal calibration registers and
user registers are initialized to their default states and
recalibration of the ADC begins. The recalibration time
is the same as the power-up calibration time. See
Figure 2-8 for the timing details of the hardware
RESET pin.
4.13.1.2
Soft Reset
The user can issue a Soft Reset command for a fast
recalibration of the ADC by setting the SOFT_RESET
bit to ‘0’ in Address 0x00 (Register 5-1). During Soft
Reset, all internal calibration registers are initialized to
their initial default states. User registers are unaffected.
When exiting the Soft Reset (changing from ‘0’ to ‘1’),
an automatic device calibration takes place.
4.14
Power Dissipation and Power
Savings
The power dissipation of the ADC core is proportional
to the sample rate (fS). The digital power dissipation of
the CMOS outputs are determined primarily by the
strength of the digital drivers and the load condition on
each output pin. The maximum digital load current
(ILOAD) can be calculated as:
EQUATION 4-10:
CMOS OUTPUT LOAD
CURRENT
The capacitive load presented at the output pins needs
to be minimized to minimize digital power consumption.
The output load current of the LVDS output is constant,
since it is set by LVDS_IMODE<2:0> in Address 0x63
(Register 5-21).
4.14.1
POWER-SAVING MODES
This device has two power-saving modes:
• Shutdown
• Standby
They are set by the SHUTDOWN and STANDBY bits in
Address 0x00 (Register 5-1).
In Shutdown mode, most of the internal circuitry,
including the reference and clock, are turned off with
the exception of the SPI interface. During Shutdown,
the device consumes 23 mA (typical), primarily due to
digital leakage. When exiting from Shutdown, issuing a
Soft Reset at the same time is highly recommended.
This will perform a fast recalibration of the ADC. The
contents of the internal registers are not affected by the
Soft Reset.
In Standby mode, most of the internal circuitry is
disabled except for the reference, clock and SPI
interface. If the device has been in standby for an
extended period of time, the current calibration value
may not be accurate. Therefore, when exiting from
Standby mode, executing the device Soft Reset at the
same time is highly recommended.
I
LOAD
DV
DD1.8
f
DCLK
NC
LOAD
=
Where:
N = Number of bits
CLOAD = Capacitive load of output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com