Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP37231 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 45Page - Microchip Technology MCP37231 Datasheet HTML 46Page - Microchip Technology MCP37231 Datasheet HTML 47Page - Microchip Technology MCP37231 Datasheet HTML 48Page - Microchip Technology MCP37231 Datasheet HTML 49Page - Microchip Technology MCP37231 Datasheet HTML 50Page - Microchip Technology MCP37231 Datasheet HTML 51Page - Microchip Technology MCP37231 Datasheet HTML 52Page - Microchip Technology MCP37231 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 49
MCP37231/21-200 AND MCP37D31/21-200
4.7.1
USING DLL MODE
Using the DLL block is the best option when output
clock phase control is needed while the clock multipli-
cation and digital decimation are not required. When
the DLL block is enabled, the user can control the input
clock Duty Cycle Correction (DCC) and the output
clock phase delay.
See the DLL block in Figure 4-11 for details. Table 4-5
summarizes the DLL control register bits. In addition,
see Table 4-21 for the output clock phase control.
4.7.1.1
Input Clock Duty Cycle Correction
The ADC performance is sensitive to the clock duty
cycle. The ADC achieves optimum performance with
50% duty cycle, and all performance characteristics are
ensured when the duty cycle is 50% with ±1%
tolerance.
When CLK_SOURCE = 0, the external clock is used
as the sampling frequency (fS) of the ADC core. When
the external input clock is not high-quality (for example,
duty cycle is not 50%), the user can enable the internal
clock duty cycle correction circuit by setting the
EN_DUTY bit in Address 0x52 (Register 5-7). When
duty cycle correction is enabled (EN_DUTY=1), only
the falling edge of the clock signal is modified (rising
edge is unaffected).
Because the duty cycle correction process adds addi-
tional jitter noise to the clock signal, this option is rec-
ommended only when an asymmetrical input clock
source causes significant performance degradation or
when the input clock source is not stable.
4.7.1.2
DLL Block Reset Event
The DLL must be reset if the clock frequency is
changed. The DLL reset is controlled by using the
RESET_DLL bit in Address 0x52 (Register 5-7). The
DLL has an automatic reset with the following events:
• During power-up: Stay in reset until the
RESET_DLL bit is cleared.
• When a SOFT_RESET command is issued while
the DLL is enabled: the RESET_DLL bit is
automatically cleared after reset.
4.7.2
USING PLL MODE
The PLL block is mainly used when clock multiplication
is needed. When CLK_SOURCE = 1, the sampling
frequency (fS) of the ADC core is coming from the
internal PLL block.
The recommended PLL output clock range is from
80 MHz to 250 MHz. The external clock input is used
as the PLL reference frequency. The range of the clock
input frequency is from 5 MHz to 250 MHz.
4.7.2.1
PLL Output Frequency and Output
Control Parameters
The internal PLL can provide a stable timing output
ranging from 80 MHz to 250 MHz. Figure 4-11 shows the
PLL block using a charge-pump-based integer N PLL
TABLE 4-5:
DLL CONTROL REGISTER BITS
Control Parameter
Register
Descriptions
CLK_SOURCE
0x53
CLK_SOURCE = 0: external clock input becomes input of the DLL block
EN_DUTY
0x52
Input clock duty cycle correction control bit(1)
EN_DLL
0x52
EN_DLL = 1: enable DLL block
EN_DLL_DCLK
0x52
DLL output clock enable bit
EN_PHDLY<2:0>
0x52
Phase delay control bits of digital output clock (DCLK) when DLL or
decimation filter is used(2)
RESET_DLL
0x52
Reset control bit for the DLL block
Note 1:
Duty cycle correction is not recommended when a high-quality external clock is used.
2:
If decimation is used, the output clock phase delay is controlled using DCLK_PHDLY_DEC<2:0> in
Address 0x64.
Note: The clock duty cycle correction is only
applicable when the DLL block is enabled
(EN_DLL = 1). It is not applicable for the PLL
output.
Note:
The PLL mode is only supported for
sampling frequencies between 80 MHz
and 250 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com