Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP37231 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP37231
Description  Power-Saving Modes
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37231 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP37231 Datasheet HTML 9Page - Microchip Technology MCP37231 Datasheet HTML 10Page - Microchip Technology MCP37231 Datasheet HTML 11Page - Microchip Technology MCP37231 Datasheet HTML 12Page - Microchip Technology MCP37231 Datasheet HTML 13Page - Microchip Technology MCP37231 Datasheet HTML 14Page - Microchip Technology MCP37231 Datasheet HTML 15Page - Microchip Technology MCP37231 Datasheet HTML 16Page - Microchip Technology MCP37231 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
 2014-2016 Microchip Technology Inc.
DS20005322D-page 13
MCP37231/21-200 AND MCP37D31/21-200
D3
GND
Supply
Common ground for analog and digital sections
D4
D5
AVDD12
Supply
Supply voltage input (1.2V) for analog section
D6
D7
D8
GND
Common ground for analog and digital sections
D9
D10
AIN6+
Analog Input
Channel 6 differential analog input (+)
D11
AIN0-
Channel 0 differential analog input (-)
E1
Q12/Q6-
Digital
Output
Digital data output(3)
CMOS = Q12
DDR LVDS = Q6- (Even bit first), Q14- (MSb byte first)
Serialized LVDS = Q- for channel order (n) = 2
E2
Q13/Q6+
Digital data output(3)
CMOS = Q13
DDR LVDS = Q6+ (Even bit first), Q14+ (MSb byte first)
Serialized LVDS = Q+ for channel order (n) = 2
E3
GND
Supply
Common ground for analog and digital sections
E4
E5
AVDD12
Supply voltage input (1.2V) for analog section
E6
E7
E8
GND
Common ground for analog and digital sections
E9
E10
AIN5+
Analog Input
Channel 5 differential analog input (+)
E11
AIN1+
Channel 1 differential analog input (+)
F1
Q10/Q5-
Digital
Output
Digital data output(3)
CMOS = Q10
DDR LVDS = Q5- (Even bit first), Q13- (MSb byte first)
Serialized LVDS = Q- for channel order (n) = 3
F2
Q11/Q5+
Digital data output(3)
CMOS = Q11
DDR LVDS = Q5+ (Even bit first), Q13+ (MSb byte first)
Serialized LVDS = Q+ for channel order (n) = 3
F3
DVDD18
Supply
Supply voltage input (1.8V) for digital section.
All digital input pins are driven by the same DVDD18 potential.
F4
F5
AVDD12
Supply voltage input (1.2V) for analog section
F6
F7
F8
GND
Common ground for analog and digital sections
F9
F10
AIN5-
Analog Input
Channel 5 differential analog input (-)
F11
AIN1-
Channel 1 differential analog input (-)
TABLE 1-2:
PIN FUNCTION TABLE FOR TFBGA-121 (CONTINUED)
Ball No.
Name
I/O Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com