Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01S_DIE Datasheet(PDF) 4 Page - Analog Devices

Part # REF01S_DIE
Description  This specification documents the detailed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01S_DIE Datasheet(HTML) 4 Page - Analog Devices

  REF01S_DIE Datasheet HTML 1Page - Analog Devices REF01S_DIE Datasheet HTML 2Page - Analog Devices REF01S_DIE Datasheet HTML 3Page - Analog Devices REF01S_DIE Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
REF01
ASD0016521 Rev. F | Page 4 of 4
Table III - Endpoint and Delta Limits (+25°C)
(Product is tested in accordance with Table II with the following exceptions)
Parameter
Symbol
Sub-
groups
End-point
Delta
Units
Min
Max
Output Voltage
VO
1
9.95
10.05
±0.006
V
5.0
Life Test/Burn-In Information
5.1
HTRB is not applicable for this drawing.
5.2
Burn-in is per MIL-STD-883 Method 1015 test condition B.
5.3
Steady state life test is per MIL-STD-883 Method 1005
6.0
Application Note
6.1
No external components required.
6.2
The REF01 trim terminal can be used to adjust the output voltage over a 10V ±300mV range. This feature allows
the system designer to trim system errors by setting the reference to a voltage other than 10V. Of course, the
output can also be set to exactly 10.000V, or to 10.240V for binary applications.
Adjustment of the output does not significantly affect the temperature performance of the device. Typically, the
temperature coefficient change is 0.7ppm/°C for 100mV of output adjustment.
Vout Trim Circuit
Rev
Description of Change
Date
A
Initiate
12-MAR-2008
B
Update document format.
6-JAN-2009
C
Updated Section 4.0c note to indicate pre-screen temp testing being performed.
5-JUN-2009
D
Removed “ADI INTERNAL USE” from page 1 of ASD
13-JUL-2009
E
Updated fonts and sizes to ADI standard
7- Oct-2011
F
Added Application note for no external components required
13-Dec-2013
© 2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
Printed in the U.S.A.
12/13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com