Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01S_DIE Datasheet(PDF) 2 Page - Analog Devices

Part # REF01S_DIE
Description  This specification documents the detailed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01S_DIE Datasheet(HTML) 2 Page - Analog Devices

  REF01S_DIE Datasheet HTML 1Page - Analog Devices REF01S_DIE Datasheet HTML 2Page - Analog Devices REF01S_DIE Datasheet HTML 3Page - Analog Devices REF01S_DIE Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REF01
ASD0016521 Rev. F | Page 2 of 4
3.0
Absolute Maximum Ratings 1/
Input Voltage (VIN)…………………………..…………………………. 40V dc
Output Short Circuit Duration ………………………………………… Indefinite
Storage Temperature…………………………..……………………… -65
°C to +150°C
Junction Temperature (TJ)…………………..………………………... 150°C
Ambient Operating Temperature Range (TA) ……………………..… -55°C to +125°C
4.0
Die Qualification
In accordance with class-K version of MIL-PRF-38534, Appendix C, Table C-II, except as modified herein.
(a) Qual Sample Size and Qual Acceptance Criteria – 25/2
(b) Qual Sample Package – DIP
(c) Pre-screen electrical test over temperature performed post-assembly prior to die qualification.
Table I - Dice Electrical Characteristics
Parameter
Symbol
Conditions
Limit
Limit
Units
1/
Min
Max
Quiescent Supply Current
ISY
IL = 0mA
1.35
mA
Output Adjustment Range
∆VTRIM
VREF = 0, 10V
RP = 10kΩ
±3.0
±99
%
Output Voltage
VO
ISINK = 300µA
9.952
9.995
V
IL = 0mA
9.95
9.98
Line Regulation
LNreg
VIN = 13V to 33V
0
0.01
%/V
Table I Notes:
1/ VIN = 15V, TA= 25°C, unless otherwise specified. No external components required. Refer to section 6.0 Application Notes for more external trim details.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com