Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01S_DIE Datasheet(PDF) 1 Page - Analog Devices

Part # REF01S_DIE
Description  This specification documents the detailed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01S_DIE Datasheet(HTML) 1 Page - Analog Devices

  REF01S_DIE Datasheet HTML 1Page - Analog Devices REF01S_DIE Datasheet HTML 2Page - Analog Devices REF01S_DIE Datasheet HTML 3Page - Analog Devices REF01S_DIE Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Linear, Positive 10-Volt Adjustable Precision
Voltage Reference
REF01
ASD0016521
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2013 Analog Devices, Inc. All rights reserved.
1.0
SCOPE
This specification documents the detailed requirements for Analog Devices space qualified die including die
qualification as described for Class K in MIL-PRF-38534, Appendix C, Table C-II except as modified herein.
The manufacturing flow described in the STANDARD DIE PRODUCTS PROGRAM brochure at
http://www.analog.com/aerospace is to be considered a part of this specification.
This data sheet specifically details the space grade version of this product.
2.0
Part Number. The complete part number(s) of this specification follow:
Part Number
Description
REF01-000C
Linear, Positive 10-Volt Adjustable Precision Voltage Reference
REF01R000C
Radiation tested Linear, Positive 10-Volt Adjustable Precision Voltage Ref.
2.1
Die Information
2.1.1
Die Dimensions
Die Size
Die Thickness
Bond Pad Metalization
74.2 mil x 51.8 mil
19 mil ± 2 mil
Al/Cu
2.1.2
Die Picture
Figure 1 - Terminal connections.
1. NC
2. VIN
3. NC
4. GND
5. TRIM
6. VOUT
7. NC
8. NC


Similar Part No. - REF01S_DIE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF01 AD-REF01 Datasheet
296Kb / 7P
10V Precision Viltage Reference
REF01 AD-REF01 Datasheet
384Kb / 12P
10 V Precision Voltage Reference
10/02-Data Sheet changed from REV. B to REV. C.
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01 Datasheet
251Kb / 8P
5V, 10V Precision Voltage References
REF01 MAXIM-REF01 Datasheet
108Kb / 9P
5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Analog Devices
REF01 AD-REF01 Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results

Similar Description - REF01S_DIE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIH1SM1000AA-HHCS CYPRESS-CYIH1SM1000AA-HHCS Datasheet
1Mb / 71P
Detailed Specification - ICD
logo
STMicroelectronics
AN2791 STMICROELECTRONICS-AN2791 Datasheet
659Kb / 18P
This document describes a detailed analysis on the current regulated channels
17-Sep-2013
logo
Xilinx, Inc
OPB16450UART XILINX-OPB16450UART Datasheet
535Kb / 15P
This document provides the specification
logo
Analog Devices
AD8041S AD-AD8041S Datasheet
523Kb / 5P
This specification documents the detailed requirements
REV. l
MAT02S_DIE AD-MAT02S_DIE Datasheet
621Kb / 6P
This specification documents the detailed requirements
Rev. H
OP27S_DIE AD-OP27S_DIE Datasheet
554Kb / 6P
This specification documents
REV. l
OP470S_DIE AD-OP470S_DIE Datasheet
472Kb / 5P
This specification documents the detailed
Rev. H
OP484S_DIE AD-OP484S_DIE Datasheet
614Kb / 5P
This specification documents the detailed
Rev. G
PM108S_DIE AD-PM108S_DIE Datasheet
527Kb / 5P
This specification documents
Rev. H
PM139S_DIE AD-PM139S_DIE Datasheet
551Kb / 5P
This specification documents
REV. l
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com