Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF01S_DIE Datasheet(PDF) 3 Page - Analog Devices

Part # REF01S_DIE
Description  This specification documents the detailed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01S_DIE Datasheet(HTML) 3 Page - Analog Devices

  REF01S_DIE Datasheet HTML 1Page - Analog Devices REF01S_DIE Datasheet HTML 2Page - Analog Devices REF01S_DIE Datasheet HTML 3Page - Analog Devices REF01S_DIE Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REF01
ASD0016521 Rev. F | Page 3 of 4
Table II - Electrical Characteristics for Qual Samples
Parameter
Symbol
Conditions 1/ 2/ 3/
Sub-
Limit
Limit
Units
-55°C ≤ TA ≤ 125°C
groups
Min
Max
unless otherwise specified
Quiescent Supply
Current
ISY
No Load
1
1.4
mA
2, 3
2
M, D, P, L, R
1
1.4
Output Adjustment
Range
∆VTRIM
RP = 10kΩ 4/, TA= 25°C
1
±3.0
%
Output Voltage
VO
IL = 0mA
1
9.95
10.05
V
2, 3
9.905
10.095
M, D, P, L, R
1
9.94
10.06
Short Circuit Current
IOS
VO = 0V, TA = 25°C 4/
1
15
60
mA
Sink Current
IS
TA = 25°C 4/
1
-0.3
mA
Load Regulation
LDreg
IL = 0mA to 10mA 5/ 6/
1
0.01
%/mA
M, D, P, L, R
1
0.015
IL = 0mA to 8mA 5/ 6/
2, 3
0.015
Line Regulation
LNreg
VIN = 13V to 33V 5/
1
0.01
%/V
2, 3
0.015
M, D, P, L, R
1
0.03
Load Current
IL
TA = 25°C 4/ 7/
1
10
mA
2, 3
8
Output voltage noise
enp-p
0.1 Hz to 10Hz 4/
4
150
µVp-p
Output Voltage
Temperature Coefficient
TCVO
-55°C ≤ TA ≤ 125°C 4/ 8/
5, 6
±25
ppm/°C
Table II Notes:
1/
VIN = 15V, unless otherwise specified. No external components required.
2/
Devices supplied to this drawing meet all levels M, D, P, L, and R of irradiation however this device is only tested at the R level. Pre and post irradiation values
are identical unless otherwise specified in table II. When performing post irradiation electrical measurements for any RHA level, TA = 25°C.
3/
These parts may be dose rate sensitive in a space environment and may demonstrate low dose rate effects. Radiation end point limits for the noted
parameters are guaranteed only for the conditions specified in MIL-STD-883, method 1019, condition A.
4/
Not tested post irradiation. Refer to section 6.0 Application Notes for more external trim details.
5/
Line and Load regulation specifications include the effect of self-heating.
6/
LDreg = (∆VOUT / ∆IOUT) / VOUT x 100 = % / mA
7/
Minimum load current guaranteed by load regulation test.
8/
TCVo = ABS (( VMAX – VMIN ) / 10 V) x ( 1 / 180°C ) x ( 106 ) where -55°C ≤ TA ≤ 125°C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com