Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510AE Datasheet(PDF) 24 Page - STMicroelectronics

Part # STW4510AE
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510AE Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STW4510AE Datasheet HTML 20Page - STMicroelectronics STW4510AE Datasheet HTML 21Page - STMicroelectronics STW4510AE Datasheet HTML 22Page - STMicroelectronics STW4510AE Datasheet HTML 23Page - STMicroelectronics STW4510AE Datasheet HTML 24Page - STMicroelectronics STW4510AE Datasheet HTML 25Page - STMicroelectronics STW4510AE Datasheet HTML 26Page - STMicroelectronics STW4510AE Datasheet HTML 27Page - STMicroelectronics STW4510AE Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Functional description
STw4510
24/57
Power control register mapping
Power control register @ 05h
Address:
05h
Type:
R/W
Reset:
0001_0000
Description:
Table 11.
Power control register mapping
Address 1Fh
Address 1Eh
Comment
Reserved
reg address
data din/dout
EN
2-bit MSB
3-bit LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00h to 04h
Test purpose
05h to 08h
Setting
Power control register @ 05h to
Power control register @ 08h
0Bh to 1E
Test purpose
Address 1Fh
Address 1Eh
15
14
13
12
11
10
98765
43210
Reserved
00101
vsdc1_prg[3:0]
EN
R/W
R/W
[15:10] Reserved
[4:1] vscd1_prg[3:0]
0000: 1.00 V
0001: 1.05V
0010: 1.10V
0011: 1.15V
0100: 1.20V (default)
0101: 1.22V
0110: 1.24V
0111: 1.26V
1000: 1.28V
1001: 1.30V
1010: 1.32V
1011: 1.34V
1100: 1.36V
1101: 1.38V
1110: 1.40V
1111: 1.50V
[0] EN
0: Read enabled (default)
1: Write enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com