Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510AE Datasheet(PDF) 39 Page - STMicroelectronics

Part # STW4510AE
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510AE Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STW4510AE Datasheet HTML 35Page - STMicroelectronics STW4510AE Datasheet HTML 36Page - STMicroelectronics STW4510AE Datasheet HTML 37Page - STMicroelectronics STW4510AE Datasheet HTML 38Page - STMicroelectronics STW4510AE Datasheet HTML 39Page - STMicroelectronics STW4510AE Datasheet HTML 40Page - STMicroelectronics STW4510AE Datasheet HTML 41Page - STMicroelectronics STW4510AE Datasheet HTML 42Page - STMicroelectronics STW4510AE Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Electrical and timing characteristics
39/57
Vsdc2 regulator in sleep mode (SLEEP=’1’)
VBAT
Input power supply
2.7
3.6
5.5
V
VOUT
Output voltage(1)
-3 %
1.8
+3 %
V
VRIPPLE
Output ripple
IOUT = 5 mA
10
mV
IOUT
Output current
10
mA
PEFF
Power efficiency
IOUT = 5 mA
90
%
I
(3)
Q
Quiescent current
IOUT = 0 mA
2
µA
Lir
Line regulation
[VBAT [2.7; 5.5] V
10
mV
Ldr
Load regulation
IOUT: [0.1; 10] mA
10
mV
Lirt
Transient line regulation
IOUT = 5 mA
Δ VBAT= 300 mV
tR = tF = 10 µs
2mV
1.
Including output voltage temperature coefficient, DC line and load regulations, voltage reference accuracy, industrial
manufacturing tolerances and ripple voltage due to switching.
2.
Guaranteed by design
3.
Quiescent current defined is the current measured on the power supply dedicated to the voltage Vsdc2
Table 19.
Vsdc2 DC/DC step-down converter (continued)
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com