Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510AE Datasheet(PDF) 42 Page - STMicroelectronics

Part # STW4510AE
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510AE Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STW4510AE Datasheet HTML 38Page - STMicroelectronics STW4510AE Datasheet HTML 39Page - STMicroelectronics STW4510AE Datasheet HTML 40Page - STMicroelectronics STW4510AE Datasheet HTML 41Page - STMicroelectronics STW4510AE Datasheet HTML 42Page - STMicroelectronics STW4510AE Datasheet HTML 43Page - STMicroelectronics STW4510AE Datasheet HTML 44Page - STMicroelectronics STW4510AE Datasheet HTML 45Page - STMicroelectronics STW4510AE Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical and timing characteristics
STw4510
42/57
Vana(i) (vana(i) with i = 2 or 3)
Table 21.
LDO regulator - Vana(i) with i=2 or 3
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
Vana3 regulator in high power mode (en_vana3 = 1, SLEEP = ‘0’)
VBAT
Input power supply
Vana(i) =
1.8 V, 2.8 V, 3 V, 3.3 V
Max
(Vana(i)_out +
0.2, Vbat_min)
3.6
5.5
V
VOUT
Output voltage
Vana(i)_sel[1:0]pads
00
01
10
11
-3 %
1.8
2.8
3.0
3.3
+3 %
V
IOUT
(1)
Output current
150
mA
ISHORT
(1)
Short-circuit limitation
230
340
550
mA
IQ
(2)
Quiescent current
IOUT = 0 mA
30
µA
ILKG
Power-down current
1
µA
PSRR(1)
Power supply rejection
Vana(i) = 2.8 V
IOUT = 150 mA
Vpp = 0.3 V,
F: [0; 20] kHz
50
dB
Vana(i) = 2.8 V
IOUT = 10 mA
Vpp = 0.3 V,
F: [0; 10] kHz
F: [10; 100] kHz
50
45
dB
TR
Rising time
Vana(i) = 2.8 V
IOUT = 10 mA
1.5
ms
Lir
Line regulation
VBAT: [2.7; 5.5] V
5
mV
Ldr
Load regulation
IOUT= [0.1; 150] mA
10
mV
Lirt
Transient line regulation
Vana(i) = 2.8 V
IOUT = 150 mA
VBAT= [3.0; 3.3] V
tR = tF = 10 µs
2mV
Ldrt
Transient load regulation
Vana(i) = 2.8 V
IOUT= [1; 150] mA
tR = tF = 1 µs
20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com