Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4510AE Datasheet(PDF) 41 Page - STMicroelectronics

Part # STW4510AE
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510AE Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STW4510AE Datasheet HTML 37Page - STMicroelectronics STW4510AE Datasheet HTML 38Page - STMicroelectronics STW4510AE Datasheet HTML 39Page - STMicroelectronics STW4510AE Datasheet HTML 40Page - STMicroelectronics STW4510AE Datasheet HTML 41Page - STMicroelectronics STW4510AE Datasheet HTML 42Page - STMicroelectronics STW4510AE Datasheet HTML 43Page - STMicroelectronics STW4510AE Datasheet HTML 44Page - STMicroelectronics STW4510AE Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Electrical and timing characteristics
41/57
Vana(i) regulator in sleep mode (pdn_vana1 = 1, SLEEP =’1’)
VBAT
Input power supply
Vana1 =
1.5 V/1.8 V/2.5 V
2.7
3.6
5.5
V
Vana1 = 2.8 V
3
3.6
5.5
VOUT
Output Voltage
Vana1_sel[1:0] pads
00
01
10
11
-3 %
1.5
1.8
2.5
2.8
+3 %
V
IOUT
Output current
500
µA
I(2)Q
Quiescent current
IOUT = 0 mA
26
µA
PSRR((1)
Power supply rejection
Vana1 = 2.8 V
IOUT = 0.5 mA
Vpp = 0.3 V,
F: [0; 20] kHz
40
dB
Lir
Line regulation
VBAT: [2.7; 5.5] V
5
mV
Ldr
Load regulation
IOUT: [0.1; 0.5] mA
10
mV
Lirt
Transient line regulation
Vana1 = 2.8 V
IOUT = 0.5 mA
VBAT:[3; 3.3] V
tR = tF = 10 µs
2mV
Ldrt
Transient load regulation
Vana1 = 2.8 V
IOUT= [0.1; 0.5] mA
tR = tF = 1 µs
20
mV
1.
Guaranteed by design
2.
Quiescent current defined is the current measured on the power supply voltage dedicated to the Vana(i) with only one
Vana(i) on at the same time
Table 20.
LDO regulators - Vana 1
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com