Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF33C Datasheet(PDF) 6 Page - Hirose Electric

Part # DF33C
Description  3.3mm Pitch Small Size Connectors for Internal Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33C Datasheet(HTML) 6 Page - Hirose Electric

  DF33C Datasheet HTML 1Page - Hirose Electric DF33C Datasheet HTML 2Page - Hirose Electric DF33C Datasheet HTML 3Page - Hirose Electric DF33C Datasheet HTML 4Page - Hirose Electric DF33C Datasheet HTML 5Page - Hirose Electric DF33C Datasheet HTML 6Page - Hirose Electric DF33C Datasheet HTML 7Page - Hirose Electric DF33C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DF33C Series
●3.3mm Pitch Small Size Connectors for Internal Power Source
Applicable crimp tool
Unmating Procedure
● Contact unmating tool: DF33-C-PO
● Applicable contact: DF33A-2022SCF(40), DF33A-2022SC
● Operation method (Example) DF33C-*S-3.3C, DF33A-2022SCF(40)
1. Insert the unmating tool and move or
disengage the contact lance. (as shown
in the example on the left)
2. Make sure that the lance has moved
sufficiently enough to allow the terminated
wire to be removed easily.
Caution
There are parts on the crimp contact that can cause injuries, please use caution when unmating
the contacts.
Note 1 : Hirose does not guarantee products that have been damaged from the use of inapplicable tools
Note 2 : Please do the crimping operations according to the "Crimping quality standard" and "Crimp condition".
Note 3 : Applicator manufactured by JAPAN AUTOMATIC MACHINE (J.A.M.). Please access to HP of J.A.M., if you make
inquiries about the applicator or crimp defect. (URL : http://www.jam-net.co.jp)
Note : Prior to reusing a crimp contact, make sure that the lance is raised sufficiently to engage with the housing again.
Note 1 : Applicable wire with tin plated solid soft conductor.
Note 2 : When using other than the recommended wire, contact your nearest Hirose representative.
Strip length: 2.7 to 3.5mm
Applicable wire
size marking
HRS logo mark
0.5
1.3
7.5
2.15
t=0.2
Unmating Tool (DF33-C-PO)
Contact lance
[Specification No.]
(40): 1 reel contains 5,000 pcs
Housing cross-section figure
Socket crimp contact
Part No.
HRS No.
Applicable cable
Packaging
Finish
Style
Jacket diameter
Wire size
Stranded wire conductor
DF33A-2022SCF(40)
676-1093-5 40
1007
Ø1.5 to 1.9mm
22 AWG
17/0.16mm
5,000 /reel
Tin plated
20 AWG
21/0.18mm
DF33A-2022SC
676-1094-8
1007
Ø1.7mm
22 AWG
17/0.06mm
100 /pack
Ø1.8mm
20 AWG
21/0.18mm
Type
Part No.
HRS No.
Applicable Contact
Applicator
AP105-DF33-2022S
901-4603-0 00
DF33A-2022SCF(40)
CHS893300H-UP(Note 3)
−
Press main body
CM-105C
901-0001-0 00
−
Hand tool
HT304/DF33-2022S
550-0300-1
DF33A-2022SC
Contact unmating tool
DF33-C-PO
902-4551-2 00
DF33A-2022SCF(40)
DF33A-2022SC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com