Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF33C Datasheet(PDF) 4 Page - Hirose Electric

Part # DF33C
Description  3.3mm Pitch Small Size Connectors for Internal Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33C Datasheet(HTML) 4 Page - Hirose Electric

  DF33C Datasheet HTML 1Page - Hirose Electric DF33C Datasheet HTML 2Page - Hirose Electric DF33C Datasheet HTML 3Page - Hirose Electric DF33C Datasheet HTML 4Page - Hirose Electric DF33C Datasheet HTML 5Page - Hirose Electric DF33C Datasheet HTML 6Page - Hirose Electric DF33C Datasheet HTML 7Page - Hirose Electric DF33C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DF33C Series
●3.3mm Pitch Small Size Connectors for Internal Power Source
Single row socket
A
B
P=3.3
HRS logo mark
Polarity mark
Contact No.1
CAV No.
Standard type (Resin color: White)
R type
(Different guide key type. Resin color: black)
*For the retainers, please refer to page 5.
Double row socket
A
B
P=3.3
Polarity mark
HRS logo mark
CAV No.
Contact No.2
Contact No.1
Standard type (Resin color: White)
R type
(Different guide key type. Resin color: black)
*For the retainers, please refer to page 5.
Available upon request.
Please contact your local Hirose sales representative.
Available upon request.
Please contact your local Hirose sales representative.
Part No.
HRS No.
No.of Contacts
AB
Packing
DF33C-2S-3.3C
676-1136-6 00
2
7.8
3.3
100pcs/
pack
DF33C-3S-3.3C
676-1137-9 00
3
11.1
6.6
DF33C-4S-3.3C
676-1138-1 00
4
14.4
9.9
DF33C-5S-3.3C
676-1139-4 00
5
17.7 13.2
DF33C-6S-3.3C
676-1140-3 00
6
21.0 16.5
Part No.
HRS No.
No.of Contacts
AB
Packing
DF33C-4DS-3.3C
676-1119-7 00
4
7.8
3.3
100pcs/
pack
DF33C-6DS-3.3C
676-1120-6 00
6
11.1
6.6
DF33C-8DS-3.3C
676-1121-9 00
8
14.4
9.9
DF33C-10DS-3.3C
676-1122-1 00
10
17.7 13.2
DF33C-12DS-3.3C
676-1123-4 00
12
21.0 16.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com