Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF33C Datasheet(PDF) 3 Page - Hirose Electric

Part # DF33C
Description  3.3mm Pitch Small Size Connectors for Internal Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33C Datasheet(HTML) 3 Page - Hirose Electric

  DF33C Datasheet HTML 1Page - Hirose Electric DF33C Datasheet HTML 2Page - Hirose Electric DF33C Datasheet HTML 3Page - Hirose Electric DF33C Datasheet HTML 4Page - Hirose Electric DF33C Datasheet HTML 5Page - Hirose Electric DF33C Datasheet HTML 6Page - Hirose Electric DF33C Datasheet HTML 7Page - Hirose Electric DF33C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DF33C Series
●3.3mm Pitch Small Size Connectors for Internal Power Source
Single row straight pin header
0.5
Lot No. mark
Polarity mark
1.55
A
CAV No.
HRS logo mark
B
P=3.3
B±0.05
P=3.3±0.05
1.55±0.05
DF33C-*RS-3.3
DF33C(R)-*S-3.3C
DF33C(R)-*P-3.3DSA(24)
Recommended PCB layout
(Recommended PCB thickness t=1.6 ±0.1)
Dimensions in mated condition
Application figure
Note : The retainer can be used on both the standard and R type housings.
[Specification No.]
(24): Tin plating, tray package specification
[Specification No.]
(24): Tin plating, tray package
specification
R type
(Different guide key type. Resin color: Black)
Available upon request.
Please contact your local Hirose sales representative.
R type
(Different guide key type. Resin color: Black)
Available upon request.
Please contact your local Hirose sales representative.
Standard type (Resin: White)
Part No.
HRS No.
No.of
Contacts
AB
Packing
DF33C-2P-3.3DSA(24)
676-1131-2 24
2
8.4 3.3 135pcs/tray
DF33C-3P-3.3DSA(24)
676-1132-5 24
3
11.7 6.6 95pcs/tray
DF33C-4P-3.3DSA(24)
676-1133-8 24
4
15.0 9.9 75pcs/tray
DF33C-5P-3.3DSA(24)
676-1134-0 24
5
18.3 13.2 60pcs/tray
DF33C-6P-3.3DSA(24)
676-1135-3 24
6
21.6 16.5 50pcs/tray
Double row, straight pin header
A
B
P=3.3
CAV No.
HRS logo mark
1.55
0.5
Polarity mark
Lot No. mark
Ø1.25
Standard type (Resin color: White)
Part No.
HRS No.
No.of
Contacts
AB
Packing
DF33C-4DP-3.3DSA(24)
676-1113-0 24
4
8.4 3.3 135pcs/tray
DF33C-6DP-3.3DSA(24)
676-1114-3 24
6
11.7 6.6 95pcs/tray
DF33C-8DP-3.3DSA(24)
676-1115-6 24
8
15.0 9.9 75pcs/tray
DF33C-10DP-3.3DSA(24)
676-1116-9 24
10
18.3 13.2 60pcs/tray
DF33C-12DP-3.3DSA(24)
676-1117-1 24
12
21.6 16.5 50pcs/tray
B±0.05
P=3.3±0.05
1.55±0.05
DF33C-*RDS-3.3
DF33C(R)-*DS-3.3C
DF33C(R)-*DP-3.3DSA(24)
Recommended PCB layout
(Recommended PCB thickness t=1.6 ±0.1)
Application figure
Note : The retainer can be used on both the standard and R type housings.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com