Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF33C Datasheet(PDF) 7 Page - Hirose Electric

Part # DF33C
Description  3.3mm Pitch Small Size Connectors for Internal Power Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF33C Datasheet(HTML) 7 Page - Hirose Electric

  DF33C Datasheet HTML 1Page - Hirose Electric DF33C Datasheet HTML 2Page - Hirose Electric DF33C Datasheet HTML 3Page - Hirose Electric DF33C Datasheet HTML 4Page - Hirose Electric DF33C Datasheet HTML 5Page - Hirose Electric DF33C Datasheet HTML 6Page - Hirose Electric DF33C Datasheet HTML 7Page - Hirose Electric DF33C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
DF33C Series
●3.3mm Pitch Small Size Connectors for Internal Power Source
Operating Precautions
Ratings
These connectors can become damaged if excessive force is applied during extraction. If you experience difficulty
when unmating this connector, gently push it further into the housing and then operate the lock and release the
connector.
When performing a resin sealing, pay attention to the surface tension of the resin and fill accordingly.
Wire routing inside the device can cause added tension to be applied to the contacts. Use of a retainer will help
remedy the stress placed on the contact.
Prior to reusing a terminated wire, make sure that the contact’s lance is raised to the proper height.
There may be a slight variance in the color of the molding between production lots, this variance will not affect the
performance of the connector.
Please refer to the documents "Cable assembly Procedure", "Crimp condition" and "Crimp quality standards" for
the cable assembly procedures.
Please refer to the "Nylon Connector Guide" for handling instructions.
If the connector is rated at 3A, and the wire used with the connector only has a 1A capacity, the connection will be
regarded as a 1A connection. Please make sure that you do not place too much current through this connector.
Even though the connector may be rated to take the current applied to it, currents are not always distributed equally
due to the differences in wiring path or contact resistance. Due to this precaution, the current may exceed the
ratings previously discussed. In these cases, use 1/3 of the noted rating as the maximum. Do not mate/unmate this
connector when energized with a live current
(Note 1) “Live” mating and unmating is defined as "to conduct the mating and unmating process while the system is
conducting electricity"
Usage Under Harsh Environments
When using these connectors in a harsh environment such as one with repeated high and low temperatures, please
contact us for advice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com