Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF65 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF65
Description  1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF65 Datasheet(HTML) 1 Page - Hirose Electric

  DF65 Datasheet HTML 1Page - Hirose Electric DF65 Datasheet HTML 2Page - Hirose Electric DF65 Datasheet HTML 3Page - Hirose Electric DF65 Datasheet HTML 4Page - Hirose Electric DF65 Datasheet HTML 5Page - Hirose Electric DF65 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
2016.3
②
Socket
Header
Latch
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
DF65 Series
■Features
1. Enhanced contact reliability and lock structure
The unique locking structure reinforces the
engagement between the wire side portion and
the header. This prevents the wire side from
becoming misaligned due to stress from poorly
routed wiring. (Fig.1) (Patented)
2. Vertical mating provides superior handling
The use of ve r tical mating style reduces
assembly time and maximizes precious board
space which gives designers more freedom
when designing other components on the PCB.
(Fig.2)
3. Highly reliable contact structure
The two point contact structure provides optimum
reliability, a low mated height of 1.8mm and an
effective mating length of 0.35mm.
4. Increased cable retention
The header is designed to press the terminal
lance down during the mating operation; this
prevents the lance from moving and enhances
its strength.
5. High current of MAX 4A (24 AWG)
By utilizing highly conductive material for the
female terminals and suppressing the contact
resistance, the DF65 ser ies can handle a
maximum of 4A with 24 AWG wire.
6. Solder wicking prevention
Molding is done in a way that removes the gap
between the contacts and the housing to prevent
wicking.
7. Prevents Accidental unmating
The molded structure is designed to prevent
accidental unmating due to poorly routed wiring
and harsh loads.
8. UL and C-UL Certified
9. Glow Wire compliance
(Compliant with IEC 60695-2-11)
Lock structure and operation
Vertical mating provides superior
operability and maximizes board space.
Fig.1
Fig.2
Latches are deflected
slightly during mating.
And snap back in when
mating is complete.
A click feeling will be felt!
Vertical mating type
Horizontal mating type
Side view of the PCB
Vertical mating style allows other parts to be mounted.
(Enhances freedom in designing PCB)
The mating face is easy to see,
resulting in proper insertion.
The mating face can be hard to see,
which can lead to awkward insertion.
Unused, open area
(UL, C-UL, Listed)


Similar Part No. - DF65

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF65-2428SCF HIROSE-DF65-2428SCF Datasheet
559Kb / 8P
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
logo
Infineon Technologies A...
DF650R17IE4 INFINEON-DF650R17IE4 Datasheet
1Mb / 9P
PrimePACK?? Modul und NTC
2009-08-28 revision:2.2
DF650R17IE4 INFINEON-DF650R17IE4 Datasheet
1Mb / 9P
Technische Information
2013-11-05
DF650R17IE4BOSA1 INFINEON-DF650R17IE4BOSA1 Datasheet
1Mb / 9P
Technische Information
2013-11-05
DF650R17IE4D_B2 INFINEON-DF650R17IE4D_B2 Datasheet
2Mb / 9P
PrimePACK2 module and NTC
2011-03-04 revision:2.1
More results

Similar Description - DF65

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
logo
Dubilier
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF57 HIROSE-DF57_17 Datasheet
308Kb / 8P
Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
DF58 HIROSE-DF58 Datasheet
315Kb / 8P
Small-Sized, Low Profile 1.0mm Height, Wire-to-Board Connectors for Power Supply
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF63 HIROSE-DF63 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com