Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF65 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF65
Description  1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF65 Datasheet(HTML) 4 Page - Hirose Electric

  DF65 Datasheet HTML 1Page - Hirose Electric DF65 Datasheet HTML 2Page - Hirose Electric DF65 Datasheet HTML 3Page - Hirose Electric DF65 Datasheet HTML 4Page - Hirose Electric DF65 Datasheet HTML 5Page - Hirose Electric DF65 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DF65 Series●1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
■Crimp socket
Crimp contact
1.75
Contact No.1 mark
B
A
C
1.45
4.5
2.95
1.07
φ1.2
t= 0.15
1.15
0.92
Part No.
HRS No.
No. of
Contacts
AB
C
D
DF65-3S-1.7C(**)
666-6005-8 **
3
6.13
5.2
7.8
3.4
DF65-4S-1.7C(**)
666-6007-3 **
4
7.83
6.9
9.5
5.1
DF65-5S-1.7C(**)
666-6002-0 **
5
9.53
8.6
11.2
6.8
DF65-6S-1.7C(**)
666-6009-9 **
6
11.23
10.3
12.9
8.5
DF65-7S-1.7C(**)
666-6015-1 **
7
12.93
12
14.6
10.2
Note : Each package contains 100 pcs/pack. Please order in full package quantities.
Part No.
HRS No.
Description
Quantity
Finish
RoHS
DF65-2428SCF
666-0003-2 00
Reel contact
18,000 pcs/reel
Tin plated
○
DF65-2428SCFA(**)
666-6016-4 **
Reel contact
18,000 pcs/reel
Gold plated
○
Note : This product is sold per reel (18,000 pcs/reel), please order by reel quantities.
● Applicable wire (Tinned, annealed copper wire)
Conductor size (Core structure)
Jacket Diameter
24 AWG (11 pieces/
Ø 0.16 mm)
Ø1.11mm
26 AWG (7 pieces/
Ø 0.16 mm)
Ø0.98mm
28 AWG (7pieces/
Ø 0.127 mm)
Ø0.88mm
Note : Please contact your local Hirose sales rep if you plan on using wires other than those listed above.
●Recommended wire
UL10368
●Strip length
1.4 to 1.8mm
[Specification Number]
**
None : 18,000 pcs/reel
(07) : 18,000 pcs/reel・Gold plated
P= 1.7
D
[Specification Number]**
None : 1 package contains
100 pcs/pack



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com