Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF65 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF65
Description  1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF65 Datasheet(HTML) 2 Page - Hirose Electric

  DF65 Datasheet HTML 1Page - Hirose Electric DF65 Datasheet HTML 2Page - Hirose Electric DF65 Datasheet HTML 3Page - Hirose Electric DF65 Datasheet HTML 4Page - Hirose Electric DF65 Datasheet HTML 5Page - Hirose Electric DF65 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
DF65 Series●1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
■Product Specifications
Ratings
Current
Rating
No. of Contacts
24 AWG 26 AWG 28 AWG Operating Temperature Range
Operating aHumidity Range
−
40 to +105℃(注2)
 
20 to 80%(注3)
3
4A
2.5A
2.5A
4
Storage Temperature Range
Storage Humidity Range
−
10 to +60℃(注4)
 
40 to 70%(注4)
5
6
3.5A
2A
2A
UL/C-UL/File No. and Recognition No.
UL
:
E52653
C-UL
:
E52653
7
Voltage Rating Specification
AC/DC 50V
Item
Specifications
Conditions
1. Insulation
resistance
100Mø min.
Measured at DC 100V
2. Withstand voltage
No flashover or breakdown
AC 500V is applied for one minute.
3.Contact resistance
10mø max.
Measured at 1mA and no higher than 20mV
4. Vibration
Resistance
No electrical discontinuity for more than 1µs
10 cycles in each of three directions at frequency
10-55 Hz, half amplitude 0.75mm
5. Shock Resistance
No electrical discontinuity for more than 1µs
Accelerated velocity : 490m/s
2, for 11 ms, half-sine in 3
directions, 3 times for each of the three directions
6. Moisture-
resistance
Contact resistance : 20mø max.
Insulation resistance : 500Mø min.
Temperature : 40 ±2ç ; humidity : 90 to 95%, left
as it is for 96 hours
7. Temperature
cycles
Contact resistance : 20mø max.
Insulation resistance : 500Mø min.
-55ç : 30 minutes → 5 - 35ç : 2 - 3 minutes
→ 85℃ : 30 minutes → 5 - 35ç : 2 - 3 minutes)
5 cycles
8. Durability
Contact resistance : 20mø max.
Tin plated : 30 mating cycles
Gold plated : 50 mating cycles
9. Resistance to
solder heat
The resin components will not become
deformed or lose performance due to
deformities
Reflow : according to the recommended
temperature profile
Hand soldering : temperature of soldering iron at
350ç±10ç for 3 seconds
Note 1 : This is the maximum current rating while all pins are powered or used as all power lines. If you split the current over
multiple lines, please factor in your own safety margin. Please contact Hirose Electric, for inquiries on the assignment
of pins and on the currents that can be delivered.
Note 2 : Includes the temperature rise of power lines.
Note 3 : Use without condensation on parts.
Note 4 : The storage condition refers to long-term storage of the product on the shelf before assembly. Please use the operating
temperature for temporary storage such as pre-assembly and during shipping.
■Materials / Finish
Product
Part
Materials
Finish
UL specification
Header
Insulator
LCP
Black
UL94V-0
Contact
Brass
Tin Plated or Gold plated
−
Crimp socket
Insulator
LCP
Beige
UL94V-0
Crimp contact
Contact
Phosphorous Bronze
Tin Plated or Gold plated
−
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Header connector
DF 65 - * P - 1.7 V
❶❷
❸ ❹
❺
❻
●Socket connector
DF 65 - * S - 1.7 C
❶❷
❸ ❹
❺
❻
●Crimp contact
DF 65 - 2428 SCF
❶❷
❶Applicable wire size
 2428:24 to 28 AWG
❷Packaging style
 SCF : Socket contact・Reel・Tin plated
 SCFA : Socket contact・Reel・Gold plated
❶Series Name:DF
❷Series No.
: 65
❸Number of contacts
: 3, 4, 5, 6, 7
❹Connector type
P:Header
❺Pitch
: 1.7mm
❻Mounting style
 V
: SMT Straight Type
❶Series Name
: DF
❷Series No. : 65
❸Number of contacts
: 3, 4, 5, 6, 7
❹Connector type
 S:socket
❺Pitch : 1.7mm
❻Termination form
 C : crimp case



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com