Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF65 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF65
Description  1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF65 Datasheet(HTML) 3 Page - Hirose Electric

  DF65 Datasheet HTML 1Page - Hirose Electric DF65 Datasheet HTML 2Page - Hirose Electric DF65 Datasheet HTML 3Page - Hirose Electric DF65 Datasheet HTML 4Page - Hirose Electric DF65 Datasheet HTML 5Page - Hirose Electric DF65 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
DF65 Series●1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
■Straight pin header
1.65
Contact No.1
Vacuum nozzle
area
0.25
C
A
B
P= 1.7
t= 0.2
Part No.
HRS No.
No. of
Contacts
AB
C
DF65-3P-1.7V(**)
666-6004-5 **
3
7.5
3.4
6
DF65-4P-1.7V(**)
666-6006-0 **
4
9.2
5.1
7.7
DF65-5P-1.7V(**)
666-6001-7 **
5
10.9
6.8
9.4
DF65-6P-1.7V(**)
666-6008-6 **
6
12.6
8.5
11.1
DF65-7P-1.7V(**)
666-6014-9 **
7
14.3
10.2
12.8
Note 1 : This product is sold per reel with 4,000 connectors pcs/reel. Please order by reel quantities.
Note 2 : Please contact Hirose representative if you have request for (78) specification.
Contact No.1
1.7±0.05
B±0.05
0.6
+0.05
0
0.7
+0.05
0
1.025±0.05
[Specification Number]
**
(21) : Tin plated, embossed packaging
(78) : Gold plated, embossed packaging
Product Label
n1.
5 To the depth of the perforation
Unreeling direction
Reel dimensions
30.4MAX
24.4
+2
0
n 13
±0.2
Unreeling direction
2±0.1
4±0.1
12±0.1
φ1.5
+0.1
0
●Tape and Reel Dimensions
●Recommended PCB layout (t=1mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com