Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT305/DF57-2830HC Datasheet(PDF) 6 Page - Hirose Electric

Part # HT305/DF57-2830HC
Description  Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT305/DF57-2830HC Datasheet(HTML) 6 Page - Hirose Electric

  HT305/DF57-2830HC Datasheet HTML 1Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 2Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 3Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 4Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 5Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 6Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 7Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
DF57 Series●Low Profile “Swing-Lock” Board to Wire Connector for Power
■Crimp contact
[Packaging Specification]
Blank:Embossed tape packaging (40,000 pcs/reel)
(41) :Embossed tape packaging (35,000 pcs/reel)
●Applicable wire (Tin plated annealed copper wire)
●Strip length 1.0 to 1.4mm
BTools
Type
Part No.
HRS No.
Applicable contact
Applicator
AP105-DF57-2628S
901-4622-2 00
DF57-2628SCF
AP105-DF57-2830S
901-4618-5 00
DF57-2830SCF
AP105-DF57-3234S
901-4629-1 00
DF57-3234SCF
Press
CM-105
901-0005-4 00
-----------
Hand crimping tool
HT305/DF57-2830HC
902-4635-0 00
DF57-2830SCF
Contact extraction tool
DF-C-PO(B)
550-0179-2 00
DF57-****SCF
Note: If any trouble has occurred due to tools other than the designated tool, Hirose bears no respoisibility for any trouble.
Part No.
HRS No.
Packaging
Quantity
Finish
Applicable wire
Applicable socket connector
DF57-2628SCF(41)
666-0013-3 41
Reel
35,000
Tin plated
AWG#26
‒ AWG#28
DF57AH-*S-1.2C
DF57-2830SCF
666-0001-4 00
40,000
AWG#28
‒ AWG#30
DF57H-*S-1.2C
DF57AH-*S-1.2C
DF57-3234SCF
666-0016-1 00
AWG#32
‒ AWG#34
Note:Embossed tape reel packaging (40,000 pcs/reel).
Order by number of reels.
Part No.
Wire size
(Stranded wire conductor)
Jacket outer diameter
Recommended cable
DF57-2628SCF(41)
AWG#26
(7/Ø0.16mm)
Ø0.88mm max.
UL3302
,UL3610
AWG#28
(7/Ø0.127mm)
-----------
DF57-2830SCF
AWG#28
(7/Ø0.127mm)
Ø0.5mm
‒ Ø0.63mm
UL1571(Thin wire)
,
UL10584(ETFE wire)
AWG#30
(7/Ø0.102mm)
DF57-3234SCF
AWG#32
(7/Ø0.08mm)
Ø0.32mm
‒ Ø0.42mm
-----------
AWG#34
(7/Ø0.08mm)
Note: When using other than the recommended wire, contact your nearest Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com