Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT305/DF57-2830HC Datasheet(PDF) 3 Page - Hirose Electric

Part # HT305/DF57-2830HC
Description  Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT305/DF57-2830HC Datasheet(HTML) 3 Page - Hirose Electric

  HT305/DF57-2830HC Datasheet HTML 1Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 2Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 3Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 4Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 5Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 6Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 7Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
DF57 Series●Low Profile “Swing-Lock” Board to Wire Connector for Power
■Ordering information
Refer to the below information to identify the specifications of the product by its part No.
●Header
●Socket
●Crimp contact
❶ Series name:DF
❷ Series No. :57
❸ Insert guide key
    H : Yes
❹ Number of contacts:2, 3, 4, 5, 6
❺ Connector type
  P:Plug
❻ Contact pitch :1.2mm
❼ Termination section
      V :Straight SMT
❶ Series name:DF
❷ Series No. :57
❸ Applicable wire size:
    Blank : AWG#28 to AWG#34
❹ Insert guide key
    H : Yes
❺ Number of contacts:2, 3, 4, 5, 6
❻ Connector type
      S :Crimp socket
❼ Contact pitch :1.2mm
❽ Termination section
      C :Crimp socket
❶ Applicable wire size:
2628
:AWG#26 to AWG#28
2830
:AWG#28 to AWG#30
3234
:AWG#32 to AWG#34
❷ Packaging
  SCF :SCF: Female crimp contact / reel
❹ Number of contacts
:2
❻ Contact pitch :2.4mm
(Middle pin of 3 pos. is removed, and rated voltage is 100 V
)
❸ Applicable wire size:
    A :AWG#26 to AWG#34
❺ Number of contacts
:5, 6
DF 57 H − * P − 1.2 V
❶❷
❸
❹
❺
❻
❼
DF 57
H − * S − 1.2 C
❶❷
❸
❹
❺
❻
❼
❽
DF 57 − 2830 SCF
❶❷
DF 57 A H − * S − 1.2 C
❸❺
DF 57 H − 2 P − 2.4 V
❹❻



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com