Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT305/DF57-2830HC Datasheet(PDF) 1 Page - Hirose Electric

Part # HT305/DF57-2830HC
Description  Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT305/DF57-2830HC Datasheet(HTML) 1 Page - Hirose Electric

  HT305/DF57-2830HC Datasheet HTML 1Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 2Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 3Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 4Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 5Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 6Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 7Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2014.8
w
Low Profile “Swing-Lock” Board to Wire Connector for Power
DF57 Series
(Compliant with UL-CSA standards)
Contact Structure
Incorrect Positioning
■Features
1.Reinforced lock structure with swing lock
A swing-lock structure, featuring our own unique
connection method, reinforces the lock structure of
the electric cable side, with a structure resistant to
tough electric cable routing and disengagement of
cables under load.
In addition, the connection surface has a guide
insertion to facilitate insertability (patented)
2.Header lock improves plug retention
When connecting, the header connector secures the
molded-lance. Play of molded lance is prevented for
added strength. (patented)
3.Highly reliable contact structure
Despite the low-profile design, with a stacking height
of 1.4mm, an effective mating length of 0.42mm is
achieved. The structure features two-point contact
terminal geometry with high contact reliability.
4.Insert guide key prevents misalignment
Insert guide key guides the crimp socket to the
correct mating position and prevents misalignment,
which improves mating operation and prevents
possible connector breakage with incorrect mating.
5.Solder wicking prevention
The integral molding eliminates any gap between the
terminals and case to prevent solder wicking.
6.Case disengagement prevention
Reinforcing hardware (metal fittings) are integrated in
the molding, which help prevent the case from
disengaging with the terminals due to tough electric
cable routing and load.
7.Cost effective
Terminals and metal fittings are collectively integrated
into the molding to reduce assembly cost.
Before mating
After mating
Lock portion
Mating HeightA : DF57H
1.4mm
DF57AH
1.6mm
4.65mm
Insert Guide Key Structure
Positive Lock
Insert Guide Key
Insert guide key touches to
the header prior to the
positive lock, which guides
the socket to the correct
mating position.
Swing-Lock Structure explanatory drawing
Starts mating after the socket is aligned to
the correct position
Fig.1
Fig.2
Fig.3


Similar Part No. - HT305/DF57-2830HC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT305/DF65-2428S HIROSE-HT305/DF65-2428S Datasheet
559Kb / 8P
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
HT305/DF65-2428S HIROSE-HT305/DF65-2428S Datasheet
1Mb / 6P
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
More results

Similar Description - HT305/DF57-2830HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITS-P-09010NW ETC2-ITS-P-09010NW Datasheet
610Kb / 10P
1.2 mm Pitch, Low Profile ?쏶wing Lock??Wire to Board Connector for Power Supply
logo
Hirose Electric
DF61 HIROSE-DF61 Datasheet
1Mb / 8P
Board-to-Wire Swing-Lock Connector for Low-Profile Power Source
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
1mm Pitch, Board to Wire Lock Connector
DF61Y HIROSE-DF61Y Datasheet
559Kb / 8P
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
logo
Molex Electronics Ltd.
5054330881 MOLEX1-5054330881 Datasheet
38Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5054331071 MOLEX1-5054331071 Datasheet
38Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5054331081 MOLEX1-5054331081 Datasheet
38Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5054480871 MOLEX1-5054480871 Datasheet
39Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
5055671671 MOLEX1-5055671671 Datasheet
37Kb / 2P
Micro-Lock Plus Wire-to-Board Connector System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com