Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT305/DF57-2830HC Datasheet(PDF) 4 Page - Hirose Electric

Part # HT305/DF57-2830HC
Description  Low Profile ?쏶wing-Lock??Board to Wire Connector for Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT305/DF57-2830HC Datasheet(HTML) 4 Page - Hirose Electric

  HT305/DF57-2830HC Datasheet HTML 1Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 2Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 3Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 4Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 5Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 6Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 7Page - Hirose Electric HT305/DF57-2830HC Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
DF57 Series●Low Profile “Swing-Lock” Board to Wire Connector for Power
[Specification number]
(21):Tin plated, Embossed tape
packaging (5,000 pcs/reel)
[Specification number]
(21):Tin plated, Embossed tape
packaging (5,000 pcs/reel)
■Header(SMT)
0.25
P=1.2
Contact No.1
B
C
Vacuum area
A
Contact No.1
0.25
Vacuum area
B
A
C
Recommended PCB layout
(Thickness: 1.0mm)
Recommended PCB layout
(Thickness: 1.0mm)
Above image is 3 pos.
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
DF57H-2P-2.4V(21)
666-0109-0 21
2
5.3
2.4
3.7
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
DF57H-2P-1.2V(21)
666-0104-7 21
2
4.1
1.2
2.5
DF57H-3P-1.2V(21)
666-0105-0 21
3
5.3
2.4
3.7
DF57H-4P-1.2V(21)
666-0106-2 21
4
6.5
3.6
4.9
DF57H-5P-1.2V(21)
666-0107-5 21
5
7.7
4.8
6.1
DF57H-6P-1.2V(21)
666-0108-8 21
6
8.9
6.0
7.3
Note 1 : Embossed tape reel packaging (5,000 pcs/reel).
Note 2 : The crossed-shaded area is a no conductive trace area.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com