Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94228 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS94228
Description  Programmable System Clock Chip for AMD - K7??processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94228 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS94228 Datasheet HTML 9Page - Integrated Circuit Systems ICS94228 Datasheet HTML 10Page - Integrated Circuit Systems ICS94228 Datasheet HTML 11Page - Integrated Circuit Systems ICS94228 Datasheet HTML 12Page - Integrated Circuit Systems ICS94228 Datasheet HTML 13Page - Integrated Circuit Systems ICS94228 Datasheet HTML 14Page - Integrated Circuit Systems ICS94228 Datasheet HTML 15Page - Integrated Circuit Systems ICS94228 Datasheet HTML 16Page - Integrated Circuit Systems ICS94228 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
ICS94228
0447E—05/07/04
Electrical Characteristics - 24MHz, 48MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
2.4
V
Output Low Voltage
VOL5
0.4
V
Output High Current
IOH5
-22
mA
Output Low Current
IOL5
16
mA
Rise Time
1
tr5
1.3
4
ns
Fall Time
1
tf5
1.3
4
ns
Duty Cycle
1
dt5
45
52
55
%
Jitter, Cycle-to-Cycle
1
tjcyc-cyc1
190
500
ps
Jitter, Absolute
1
tjabs5
-1
1
ns
1Guaranteed by design, not 100% tested in production.
CONDITIONS
IOH = -16 mA
IOL = 9 mA
VOH = 2.0 V
VOL = 0.8 V
VT = 1.5 V
VOL = 0.4 V, VOH = 2.4V
VOH = 2.4 V, VOL = 0.4V
VT = 1.5 V
VT = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com